Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 176Page - Renesas Technology Corp 7477 Datasheet HTML 177Page - Renesas Technology Corp 7477 Datasheet HTML 178Page - Renesas Technology Corp 7477 Datasheet HTML 179Page - Renesas Technology Corp 7477 Datasheet HTML 180Page - Renesas Technology Corp 7477 Datasheet HTML 181Page - Renesas Technology Corp 7477 Datasheet HTML 182Page - Renesas Technology Corp 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 361 page
background image
1-173
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.18 State transitions
Notes 1: When changing from the stop mode to another mode, oscillation stabilizing wait time is generated
automatically by connecting timer 3 and timer 4.
2: In the 7471/7478 group, where oscillating the stopped clock and switching the system clock, it
is necessary to wait at software until oscillation is stabilized. At this time, set the bit 5 of the CPU
mode register to “1” and set the XCOUT drive capacity to the high power mode. After the oscil-
lation of sub-clock f(XCIN) becomes stable, clear the bit to “0” (low power mode) as required.
3: In the 7471/7478 group, when returning from the low-speed mode to the ordinary mode, use the
main clock f(XIN) as a count source of the internal clock
φ (state B). After that, clear bit 4 of the
CPU mode register to “0” to stop the oscillation of f(XCIN) if necessary.
4: When using the low-speed mode in the 7471/7478 group, use it in one of the following states.
q Fix the XCOUT drive capacity to the high power mode (set the XCOUT drive capacity selection bit
of the CPU register to “1.”)
q When fixing the XCOUT drive capacity to the low power mode (clear the XCOUT drive capacity
selection bit of the CPU mode register to “0”), lower the value of the resistor Rd
+ in the sub-
clock oscillation circuit to a level at which the oscillation of f(XCIN) does not stop.
+ “Resistor Rd”: Refer to the circuit example in “Chapter 2 Application, 2.7 Oscillation circuit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com