Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 178Page - Renesas Technology Corp 7477 Datasheet HTML 179Page - Renesas Technology Corp 7477 Datasheet HTML 180Page - Renesas Technology Corp 7477 Datasheet HTML 181Page - Renesas Technology Corp 7477 Datasheet HTML 182Page - Renesas Technology Corp 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp 7477 Datasheet HTML 185Page - Renesas Technology Corp 7477 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 361 page
background image
1-175
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.19 Built-in PROM version
1.19 Built-in PROM version
In contrast with the mask ROM version, a microcomputer incorporating a programmable ROM is called
built-in PROM version.
There are two types of built-in PROM version as shown below.
q One Time PROM version
Writing to the built-in PROM can be performed only once.
Neither erase nor rewrite operations are
enabled.
q Built-in EPROM version
The built-in EPROM version is a programmable microcomputer with window and can perform write,
erase, and rewrite operations.
The built-in PROM version has the EPROM mode for writing to the built-in PROM in addition to the same
functions as those of the mask ROM version.
For an outline of performance, a pin configuration and a functional block diagram of the built-in PROM
version, refer to “1.3 Performance overview”, “1.4 Pin configuration”, and “1.6 Functional block
diagram”, respectively.
The 7470/7471/7477/7478 group supports the built-in PROM versions shown in Table 1.19.1.
Product name
(P)ROM size
(bytes)
RAM size
(bytes)
I/O Ports
Package
Remarks
Table 1.19.1 7470/7471/7477/7478 group built-in PROM version supporting products
384
EPROM version
8192
192
16384
One Time PROM version
M37470E8-XXXSP
16384
384
M37470E4-XXXSP
8192
192
One Time PROM version
I/O ports: 28
(Including 8 analog
input pins.)
Input ports: 8
42P4B
56P6N-A
42P4B
56P6N-A
42S1B-A
I/O ports: 22
(Including 4 analog
input pins.)
Input ports: 4
32P4B
M37471E4-XXXSP
M37471E4-XXXFP
M37471E8-XXXSP
M37471E8-XXXFP
M37471E8SS
M37477E8-XXXSP
32P2W-A
32P4B
32P2W-A
One Time PROM version*
42P4B
56P6N-A
42P4B
56P6N-A
One Time PROM version
I/O ports: 20
Input ports: 16
(Including 8 analog
input pins.)
42S1B-A
EPROM version
384
16384
M37477E8-XXXFP
M37477E8TXXXSP
M37477E8TXXXFP
M37478E8-XXXFP
M37478E8TXXXSP
M37478E8TXXXFP
M37478E8-XXXSP
M37478E8SS
32P4B
One Time PROM version
16384
384
One Time PROM version*
I/O ports: 18
Input ports: 8
(Including 4 analog
input pins.)
(As of July, 1996)
*: Extended operating temperature version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com