Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 225Page - Renesas Technology Corp 7477 Datasheet HTML 226Page - Renesas Technology Corp 7477 Datasheet HTML 227Page - Renesas Technology Corp 7477 Datasheet HTML 228Page - Renesas Technology Corp 7477 Datasheet HTML 229Page - Renesas Technology Corp 7477 Datasheet HTML 230Page - Renesas Technology Corp 7477 Datasheet HTML 231Page - Renesas Technology Corp 7477 Datasheet HTML 232Page - Renesas Technology Corp 7477 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 361 page
background image
2-3
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.1 I/O pins
7470
7471
7477
7478
(2) Port Pi direction register (i = 0 to 5)
Switching between input and output for programmable I/O ports is performed by the port direction
register corresponding to each port. Table 2.1.2 shows a memory allocation of the port direction
register corresponding to each port and Figure 2.1.1 shows an example of port direction register
setting.
Port
P0
P1
P2
P3
P4
P5
7470 group
00C116
00C316
00C516
–
00C916
–
Address of port direction register
Note: In the 7470 group, P2 is 4 bits of b0 - b3
and P4 is 2 bits of b0 and b1.
In the 7477 group, P4 is 2 bits of b0 and
b1.
Table 2.1.2 Port direction register memory
allocation
7471 group
00C116
00C316
00C516
–
00C916
–
7477 group
00C116
00C316
–
–
00C916
–
7478 group
00C116
00C316
–
–
00C916
–
Fig. 2.1.1 Example of port direction register setting
1
01
1
1
00
0
When “6A16” (
) is set in the Port P0 direction register
Port P0 I/O direction
P07
P06
P05
P04
P03
P02
P01
P00
Input Output Output Input Output Input Output Input
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com