Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 226Page - Renesas Technology Corp 7477 Datasheet HTML 227Page - Renesas Technology Corp 7477 Datasheet HTML 228Page - Renesas Technology Corp 7477 Datasheet HTML 229Page - Renesas Technology Corp 7477 Datasheet HTML 230Page - Renesas Technology Corp 7477 Datasheet HTML 231Page - Renesas Technology Corp 7477 Datasheet HTML 232Page - Renesas Technology Corp 7477 Datasheet HTML 233Page - Renesas Technology Corp 7477 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-4
APPLICATION
2.1 I/O pins
7470
7471
7477
7478
(3) Pull-up control register
The ports shown in Table 2.1.3 can be pulled up by software. A pull-up operation can be performed
by the P0 pull-up control register (address 00D016) and P1-P5 pull-up control register (address
00D116).
Table 2.1.3 I/O ports that permit pull-up by software
Register
Device
7470 group
7471 group
7477 group
7478 group
Port P0 pull-up control register
Control by 1-bit unit
P0
P0
P0
P0
* : In the 7470/7477 group, the P1-P4 pull-up control register is arranged.
Note: In the 7470 group, P2 is 4 bits of b0 - b3 and P4 is 2 bits of b0 and b4.
In the 7477 group, P4 is 2 bits of b0 and b1.
In the 7471/7478 group, P5 is 4 bits of b0 - b3.
Port P1-P5 pull-up control register*
Control by 4-bit unit
P1, P2, P4
P1, P2, P4, P5
P1, P4
P1, P4, P5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com