Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 230Page - Renesas Technology Corp 7477 Datasheet HTML 231Page - Renesas Technology Corp 7477 Datasheet HTML 232Page - Renesas Technology Corp 7477 Datasheet HTML 233Page - Renesas Technology Corp 7477 Datasheet HTML 234Page - Renesas Technology Corp 7477 Datasheet HTML 235Page - Renesas Technology Corp 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-8
APPLICATION
2.2 Interrupts
7470
7471
7477
7478
2.2.2. Processor status register (PS)
The Processor status register consists of 8 bits.
Figure 2.2.2 shows the structure of the Processor status register. Bit 2 related to interrupts is described
below.
2 Interrupt disable flag: b2
The interrupt disable flag controls the acceptance of interrupt requests other than the BRK instruction.
When this flag is “1,” the acceptance of interrupt requests is disabled. When the flag is “0,” the
acceptance of interrupt requests is enabled. The instruction to set this flag to “1” is the SEI instruction
and the instruction to set this flag to “0” is the CLI instruction.
At a branch to an interrupt processing routine, this flag is automatically set to “1,” thereby multiple
interrupts are disabled. To use multiple interrupt, set this flag to “0” by using the CLI instruction in
the interrupt processing routine.
Fig. 2.2.2 Structure of Processor status register
b7
b2
b0
1
b7
b0
Processor status register
Undefined
Processor status register (PS)
Unde-
fined
Flag name
: Carry flag
: Zero flag
: Interrupt disable flag
: Decimal mode flag
: Break flag
: Index X mode flag
: Overflow flag
: Negative flag
C
Z
I
D
B
T
V
N
0
1
2
3
4
5
6
7
b
The value in
denotes the initial value immediately after reset release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com