Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 233Page - Renesas Technology Corp 7477 Datasheet HTML 234Page - Renesas Technology Corp 7477 Datasheet HTML 235Page - Renesas Technology Corp 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 361 page
background image
2-11
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.3 Timers
7470
7471
7477
7478
2.3.2 Application example
(1) Each mode of timer
For timers 1, 2, 3 and 4, the following 5 operation modes are available. For each timer mode and
the details of it, refer to “1.12 Timers.”
1 Timer mode
2 Event counter mode
3 Pulse output mode
4 External pulse width measurement mode
5 PWM mode
Each timer mode has relation to the T0, T1, CNTR0 and CNTR1 pins as shown in Table 2.3.1. There
are some modes that cannot be used for some combinations of timer and pin. Consider this when
designing timers.
Table 2.3.1 Relation between timer-used pins and modes
Pin
Timer
Timer 1
Timer 2
Timer 3
Timer 4
T0
Pulse output
mode
×
×
×
T1
×
×
PWM
mode
Pulse output
mode
CNTR0
Event counter mode
×
×
External pulse width
measurement mode
CNTR1
×
×
Event counter mode
Event counter mode
External pulse width
measurement mode
,,,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com