Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-14
APPLICATION
2.3 Timers
7470
7471
7477
7478
Fig. 2.3.3 Example of measurement method of frequency
2 Event counter mode: Frequency measurement
Outline: The frequency of the pulse input to the CNTR0 pin (“H” active) is measured by the
number of events in a certain period.
Specifications: A count operation is started specifying the count source of timer 1 as CNTR0.
Timer 2 (count source: f(XIN)/64) detects 1 ms and the frequency of the pulse
input to CNTR0 is calculated from the number of events counted within 1 ms.
Note: The number of events of an input pulse is specified as 255 or less within 1 ms.
Figure 2.3.3 shows an example of measurement method of frequency and Figure 2.3.4 shows an
example of control procedure.
,,,,
CNTR0
kHz
Timer 2 interrupt request bit
Count start
Count stop
Count start
Count stop
X times
X times
1 ms
q Pulse frequency of CNTR
1 ms has elapsed
0
input =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com