Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 235Page - Renesas Technology Corp 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 361 page
background image
2-13
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.3 Timers
7470
7471
7477
7478
×
,
×
,
Fig. 2.3.2 Example of control procedure [Clock function]
RESET
Y
N
N
Y
RTI
Y
N
Initialization
Set the interrupt disable flag (each interrupt disabled)
Clear the timer 1 interrupt enable bit
(timer 1 interrupt disabled)
Set the timer 12 mode register
!
1 0
!! !!
1
Timer 1 count stop
Timer 1 count source
← Internal clock
Timer 1 internal clock count source
← f(XCIN)
Set the CPU mode register
!! 0
! 11 !
0
Fixed to “0”
Select XCIN, XCOUT
XCOUT drive capacity
← High power
Wait the f(XCIN) oscillation stabilizing time
Set the Timer 1 to “7F 16”
Set the Timer 12 mode register
!
1 0
!! !!
0 T12M (Address 00F816)
Timer 1 count start
Clear the timer 1 interrupt request bit
Set the timer 1 interrupt enable bit
(Timer 1 interrupt enabled)
Clear the interrupt disable flag (each interrupt enabled)
Clock stop ?
1 second has elapsed ?
(1 second counter = 250 ?)
Clear 1 second counter
Clock count up (second–year)
Clear 1 second counter
Set the Timer 1 to “7F 16”
Clear the Timer 1 interrupt request bit
Processing for timer
set is completed ?
Timer 1 interrupt
1 second counter + 1
Interrupt at every 0.4 ms
q For concrete time, ask the oscillator manufacture for information.
Count by interrupt processing
q 1 second = 1/32 kHz ! (127+1) ! 250
Dividing ratio
7F16
When re-starting the clock from zero second
after completing to set the clock, set timers again.
V
Set the timer so that every processing within the loop marked
may
be executed in a period of 1 second or less.
V
q
q
T12M (Address 00F8 16)
CPUM (Address 00FB 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com