Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp 7477 Datasheet HTML 246Page - Renesas Technology Corp 7477 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 361 page
background image
2-17
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.3 Timers
7470
7471
7477
7478
Fig. 2.3.7 Example of control procedure [Piezoelectric buzzer output]
,,,,
N
RESET
Y
16 ! (124+1) ! 2
8 MHz
Set the interrupt disable flag (each interrupt disabled)
Clear the timer 1 interrupt enable bit
(Timer 1 interrupt disabled)
Set the Timer 12 mode register
!
00
!!! 1
1 T12M (Address 00F816)
Timer 1 count stop
Timer 1 count source
← Internal clock
Timer 1 internal clock count source
← f(XIN)/16
T0 output selected
Initialization
Set the Timer mode register 2
!! !
!!! !
1 TM2 (Address 00FA16)
Timer 1 division flip flop set enabled
Set the Timer FF register
!! !
!!! !
0 TF (Address 00F716)
Timer 1 division flip flop initial value 0
Set the port P12 as an output
Port P12
← “H”
Set the Timer 1 to “7C 16”
Set the Timer 1 interrupt enable bit
(Timer 1 interrupt enabled)
Clear the interrupt disable flag (each interrupt enabled)
Main processing
Output unit
A piezoeletric buzzer is requested ?
Y (= 0 Request)
N (= No request)
T Buzzer output stop
Port P12
← “H”
Set the Timer 1 to “7C 16”
T Buzzer output start
T A piezoelectric buzzer output stops.
T 2 kHz =
Fixed dividion ratio
Count by interrupt processing
Timer 1 overflow divided by 2
7C16
T A piezoelectric buzzer request generated in the
main processing is processed in the output unit.
Immediately after no request?
Set the Timer 12 mode register
!
0 0
!! ! 11 T12M (Address 00F816)
Timer 1 count stop
Set the Timer 12 mode register
!
00
!! ! 10 T12M (Address 00F816)
Timer 1 count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com