Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp 7477 Datasheet HTML 246Page - Renesas Technology Corp 7477 Datasheet HTML 247Page - Renesas Technology Corp 7477 Datasheet HTML 248Page - Renesas Technology Corp 7477 Datasheet HTML 249Page - Renesas Technology Corp 7477 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-20
APPLICATION
2.3 Timers
7470
7471
7477
7478
5 PWM mode: Analog output
Outline: An analog output is performed by using the PWM function of the timer.
Specifications: A count source of Timer 3 and Timer 4 is selected and a PWM waveform is output
from the T1 pin. The PWM waveform is converted into an analog voltage by the
external circuit of the T1 pin, and then this voltage is output.
Note: The analog voltage to be output varies depending on the duty of the PWM waveform.
Figure 2.3.10 shows an example of peripheral circuit and Figure 2.3.11 shows an example of
control procedure.
Fig. 2.3.10 Example of peripheral circuit [PWM mode]
,,,,
M3747x
0
T1
3 : 2
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com