Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp 7477 Datasheet HTML 246Page - Renesas Technology Corp 7477 Datasheet HTML 247Page - Renesas Technology Corp 7477 Datasheet HTML 248Page - Renesas Technology Corp 7477 Datasheet HTML 249Page - Renesas Technology Corp 7477 Datasheet HTML 250Page - Renesas Technology Corp 7477 Datasheet HTML 251Page - Renesas Technology Corp 7477 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-22
APPLICATION
2.3 Timers
7470
7471
7477
7478
2.3.3 Notes on use
2 When using a 16-bit counter by using two timers, take the following points into consideration
according to “1.12.5 Notes on use (2).”
qThe timing at which the timer value and the read value change, when two 8-bit timers are
connected in series, is shown in Figure 2.3.12, taking the case where timer 1 and timer 2 are
connected as an example (When Timer 1 and Timer 2 are connected and the set value of the
Timer 1 is 216 and the set value of the Timer 2 is 116).
The count source of timer 2 is the overflow signal of timer 1. In this case, the read value of timer
2 changes at the fall of the count source. When Timer 1 and Timer 2 are read continuously as
a 16-bit counter, the count source of timer 2 changes at the falling edge of the count source of
timer 1, so the A section can not be distinguished from the B section. Likewise, the C section
cannot be distinguished from the D section.
Fig. 2.3.12 Timing at which timer value and read value change in the case where two timers are
connected in series
2 For other notes on use, refer to “1.12 timers.”
,,,,
1
2
0FF
10
FF
10
FF
10
FF
10
FF
10
FF
10
10
A
BC
D
0
1
FF
0
0FF
FF
0
Writing to timer 1
Writing to timer 2
Timer 1 count source
Timer 1 value
Timer 1 read value
Timer 1 interrupt request
Timer 2 count source
Timer 2 value
Timer 2 read value
Timer 2 interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com