Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp 7477 Datasheet HTML 246Page - Renesas Technology Corp 7477 Datasheet HTML 247Page - Renesas Technology Corp 7477 Datasheet HTML 248Page - Renesas Technology Corp 7477 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 361 page
background image
2-19
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.3 Timers
7470
7471
7477
7478
Fig. 2.3.9 Example of control procedure [Pulse width measurement mode]
,,,,
Y
N
RTS
Pulse width measurement routine
Read Timer 4
(Timer 4 set value FF 16) – (Timer 4 read value)
← Input pulse “H” width measurement value
T Measurement completed
Set the Timer 34 mode register
!! !
!! ! 1
!
Timer 4 count stop
Set the Edge polarity selection register
!
0 !
!! 0 !
!
Select the measurement of CNTR 0 “H” width
Interrupt
← CNTR0 selected
Set the Timer 4 to “FF 16”
Clear the CNTR interrupt request bit
Set the Timer 34 mode register
!
!!
1 !! 0
! T34M (Address 00F916)
Timer 4 count start
Set the Timer 34 mode register
!
!!
1 !! 1
! T34M (Address 00F916)
Timer 4 count source
← select according to an input pulse
External pulse width
measurement mode selected
Set the Timer 34 mode register
!
!!
1 !! 1
! T34M (Address 00F916)
Timer 4 count stop
CNTR interrupt request ?
T34M (Address 00F9 16)
EG (Address 00D4 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com