Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp 7477 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-16
APPLICATION
2.3 Timers
7470
7471
7477
7478
3 Pulse output mode: Piezoelectric buzzer output
Outline: The pulse output function of the timer is applied for a piezoelectric buzzer output.
Specifications: A square wave obtained by dividing the clock f(XIN) = 8 MHz into about 2 kHz is
output from the T0 pin. While the buzzer output stops, the level of the T0 pin is
fixed at “H.”
Figure 2.3.5 shows an example of a peripheral circuit. Figure 2.3.6 shows a connection of the timer
and setting of the division ratio. Figure 2.3.7 shows an example of control procedure.
Fig. 2.3.6 Connection of timer and setting of division ratio
Fig. 2.3.5 Example of a peripheral circuit [Pulse output mode]
,,,,
M3747x
While the piezoelectric buzzer output stops, the “H” level is output.
250
µs 250 µs
T0
Set the division ratio so that the underflow period of
timer 1 may be equal to this value.
f(XIN)
8MHz
1/16
1/125
T0
1/2
Timer 1
Fix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com