Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 234Page - Renesas Technology Corp 7477 Datasheet HTML 235Page - Renesas Technology Corp 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-12
APPLICATION
2.3 Timers
7470
7471
7477
7478
(2) Example of use of each mode
An example of use of each mode is shown below.
1 Timer mode: One-second measurement (timer function)
Outline: Divide the clock by the timer. Count one second by a timer 1 interrupt that is generated
at an internal of 0.4 ms. Cause the timer to count up at each second.
Specifications: Divide f(XCIN) = 32 kHz by timer 1 to generate an interrupt. Check the value of
the counter that counts with an timer 1 interrupt by the main routine. If one
second has elapsed, execute timer count-up processing.
Figure 2.3.2 shows an example of control procedure.
×
,
×
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com