Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 231Page - Renesas Technology Corp 7477 Datasheet HTML 232Page - Renesas Technology Corp 7477 Datasheet HTML 233Page - Renesas Technology Corp 7477 Datasheet HTML 234Page - Renesas Technology Corp 7477 Datasheet HTML 235Page - Renesas Technology Corp 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 361 page
background image
2-9
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.2 Interrupts
7470
7471
7477
7478
2.2.3 Application example
(1)External event detection by CNTR
To detect a rising edge or a falling edge of the level of an input pin by using a pin other than the
INT0 pin and the INT1 pin, it is possible to use the CNTR pin. Examples of use are shown below.
q When the CNTR0 pin is used
<Interrupt source>
CNTR interrupt+1
<Setting>
1
Set the edge polarity selection register.
• Select a CNTR0 edge polarity.
• Select CNTR0 as an interrupt source.
2
Clear the CNTR interrupt request bit to “0.”
3
Execute the NOP instruction.
4
Set the CNTR interrupt enable bit to “1.”
q When the CNTR1 pin is used
<Interrupt source>
Timer 3 interrupt+1,+2
<Setting>
1
Stop the count operation of timer 3.
2
Select CNTR1 as a count source of timer 3.
3
Select a CNTR1 edge polarity by the Edge polarity selection register.
4
Set timer 3 to “0.”
5
Clear the timer 3 interrupt request bit to “0.”
6
Set the timer 3 interrupt enable bit to “1.”
7
Start the count operation of timer 3.
+1: It is possible to use the CNTR0 pin for a timer interrupt and the CNTR1 pin for a CNTR interrupt.
+2: It is possible to use timer 4 as an interrupt source.
2.2.4 Notes on use
For notes on use, refer to “1.11 Interrupts.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com