Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 250Page - Renesas Technology Corp 7477 Datasheet HTML 251Page - Renesas Technology Corp 7477 Datasheet HTML 252Page - Renesas Technology Corp 7477 Datasheet HTML 253Page - Renesas Technology Corp 7477 Datasheet HTML 254Page - Renesas Technology Corp 7477 Datasheet HTML 255Page - Renesas Technology Corp 7477 Datasheet HTML 256Page - Renesas Technology Corp 7477 Datasheet HTML 257Page - Renesas Technology Corp 7477 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-28
APPLICATION
2.4 Serial I/O
7470
7471
7477
7478
Fig. 2.4.6 Example of control procedure (2) [Byte specification mode, 7470/7471 group]
××
ÉoÉCÉgÉJÉEÉìÉ^Ç…éÛêMë§ÇPÇÃèâä˙ílÇOÇ
ÉZÉbÉg
Write the dummy data into the Serial I/O register
N
Y
Receive side 2 (M3747x 3 )
Clear the serial I/O interrupt enable bit
(Serial I/O interrupt disabled)
Set port P14 as an input
Set port P10 as an input
Set the serial I/O interrupt enable bit
(Serial I/O interrupt enabled)
Clear the serial I/O interrupt request bit
Set the initial value of “1” of the receive side 2 in the Byte counter
Set the Serial I/O mode register
SM (Address 00DC16)
–
Synchronous clock
← External clock
Select SOUT, CLK
Select SRDY signal output pin
Select SARDY signal
Mode
← Byte specify mode
N-channel open-drain output
1
00
111 1
0
N
Y
Write the dummy data into the Serial I/O register
Set the initial value of “2” of the receive side 3 in the Byte counter
Transmit preparation
signal port P10
← “L” ?
Set the serial I/O interrupt enable bit
(Serial I/O interrupt enabled)
Clear the serial I/O interrupt request bit
Clear the serial I/O interrupt enable bit
(Serial I/O interrupt disabled)
Set port P14 as an input
Set port P10 as an input
Set the Serial I/O mode register
SM (Address 00DC16)
–
Synchronous clock
← External clock
Select SOUT, CLK
Select SRDY signal output pin.
Select SARDY signal
Mode
← Byte specify mode
N-channel open-drain output
1
00
11 11
0
Receive side 3 (M3747x 4 )
Serial I/O interrupt
Serial I/O interrupt
Transmit preparation
signal port P10
← “L” ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com