| Electronic Components Datasheet Search |
|
7477 Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 361 page ![]() 2-31 7470/7471/7477/7478 GROUP USER’S MANUAL APPLICATION 2.4 Serial I/O 7470 7471 7477 7478 Fig. 2.4.9 Example of control procedure [Clock synchronous serial I/O mode, 7477/7478 group] ×× Write the transmit data into the Transmit buffer register (Write the dummy data in the half-duplex communication) M3747x 2 Serial I/O transmit interrupt Set the serial I/O transmit interrupt enable bit (Serial I/O transmit interrupt enabled) Set the serial I/O receive interrupt enable bit (Serial I/O receive interrupt enabled) Clear the serial I/O transmit interrupt request bit Clear the serial I/O receive interrupt request bit Set baud rate generator Set the Serial I/O control register Select BRG count source Synchronous clock ← External clock SRDY output enabled Select transmit interrupt source Transmit enabled Receive enabled Clock synchronous serial I/O selected Serial I/O enabled 1 11 11 1 ! ! Serial I/O receive interrupt NOP Clear the serial I/O transmit interrupt enable bit (Serial I/O transmit interrupt disabled) Clear the serial I/O receive interrupt enable bit (Serial I/O receive interrupt disabled) M3747x 1 Clear the serial I/O transmit interrupt enable bit (Serial I/O transmit interrupt disable) Clear the serial I/O receive interrupt enable bit (Serial I/O receive interrupt disable) Set port P17 as an input NOP Set the serial I/O transmit interrupt enable bit (Serial I/O transmit interrupt enable) Set the serial I/O receive interrupt enable bit (Serial I/O receive interrupt enable) Clear the serial I/O transmit interrupt request bit Clear the serial I/O receive interrupt request bit Write the transmit data into the Transmit buffer register Y N Port P17 = “L” ? Set the Serial I/O control register Select BRG count source Synchronous clock ← BRG output divided by 4 SRDY output disabled Select transmit interrupt source Transmit enabled Receive enabled Clock synchronous serial I/O selected Serial I/O enabled 10 0 11 1 !! SIOCON (Address 00E2 16) SIOCON (Address 00E2 16) Serial I/O receive interrupt Serial I/O transmit interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |