Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 255Page - Renesas Technology Corp 7477 Datasheet HTML 256Page - Renesas Technology Corp 7477 Datasheet HTML 257Page - Renesas Technology Corp 7477 Datasheet HTML 258Page - Renesas Technology Corp 7477 Datasheet HTML 259Page - Renesas Technology Corp 7477 Datasheet HTML 260Page - Renesas Technology Corp 7477 Datasheet HTML 261Page - Renesas Technology Corp 7477 Datasheet HTML 262Page - Renesas Technology Corp 7477 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 361 page
background image
2-33
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.4 Serial I/O
7470
7471
7477
7478
Fig. 2.4.11 Example of control procedure [Clock asynchronous serial I/O mode, 7477/7478 group]
××
Write the transmit data to the Transmit buffer register
in the full-duplex communication
Serial I/O transmit interrupt
Set the Serial I/O control register
BRG count source
← f(XIN)/4
Synchronous clock
← BRG output divided by 16
–
Select transmit interrupt source
Transmit enabled
Receive enabled
Clock asynchronous serial I/O selected
Serial I/O enabled
1
! 0
01 1 !
0
Serial I/O receive interrupt
Clear the serial I/O transmit interrupt enable bit
(Serial I/O transmit interrupt disabled)
Clear the serial I/O receive interrupt enable bit
(Serial I/O receive interrupt disabled)
M3747x 1
Clear the serial I/O transmit interrupt enable bit
(Serial I/O transmit interrupt disabled)
Clear the serial I/O receive interrupt enable bit
(Serial I/O receive interrupt disabled)
NOP
Set the serial I/O transmit interrupt enable bit
(Serial I/O transmit interrupt enabled)
Set the serial I/O receive interrupt enable bit
(Serial I/O receive interrupt enabled)
Clear the serial I/O transmit interrupt request bit
Clear the serial I/O receive interrupt request bit
Write the transmit data into the Transmit buffer register
Set the Serial I/O control register
BRG count source
← f(XIN)/4
Synchronous clock
← BRG output divided by 16
–
Select transmit interrupt source
Transmit enabled
Receive enabled
Clock asynchronous serial I/O selected
Serial I/O enabled
1
! 0
011 !
0
M3747x 2
Serial I/O transmit interrupt
Set baud rate generator
(Set “!!16” to BRG)
Set baud rate generator
(Set “!!16” to BRG)
NOP
Clear the serial I/O transmit interrupt request bit
Clear the serial I/O receive interrupt request bit
Set the serial I/O transmit interrupt enable bit
(Serial I/O transmit interrupt enabled)
Set the serial I/O receive interrupt enable bit
(Serial I/O receive interrupt enabled)
SIOCON (Address 00E2 16)
SIOCON (Address 00E2 16)
Serial I/O receive interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com