Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 263Page - Renesas Technology Corp 7477 Datasheet HTML 264Page - Renesas Technology Corp 7477 Datasheet HTML 265Page - Renesas Technology Corp 7477 Datasheet HTML 266Page - Renesas Technology Corp 7477 Datasheet HTML 267Page - Renesas Technology Corp 7477 Datasheet HTML 268Page - Renesas Technology Corp 7477 Datasheet HTML 269Page - Renesas Technology Corp 7477 Datasheet HTML 270Page - Renesas Technology Corp 7477 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 361 page
background image
2-41
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.8 Low-power dissipation function
7470
7471
7477
7478
2.8 Low-power dissipation function
2.8.1 CPU mode register
The CPU mode register consists of a stack page selection bit+1 and internal system clock control
bits+2.
+1: In the products having a RAM capacity of 192 bytes or less, a RAM is not arranged on page 1,
so this bit is not available. (Be sure to set this bit to “0.”)
+2: In the 7470/7477 group, which is not provided with a sub-clock (f(XCIN)) generating circuit, f(XCIN)
is not used. (Be sure to set this bit to “0.”)
Figure 2.8.1 shows a structure of CPU mode register.
Fig. 2.8.1 Structure of CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register (CPUM) [Address
B
At reset R W
CPU mode register
0, 1
2
3
4
5
0
?
0
0
0
0
? !
Name
Function
Fix these bits to “0.”
Nothing is allocated for this bit. This is write
enabled bit and is undefined at reading.
Main clock (XIN–XOUT)
stop bit
XCOUT drive capacity
selection bit
6
7
0
Stack page selection
bit
0
Internal system clock
selection bit
0: In page 0 area
1: In page 1 area
(Note 1)
0: Low
1: High
(Note 2)
0: Oscillates
1: Stops
(Note 2)
0: XIN–XOUT selected
(Ordinary mode)
1: XCIN–XCOUT selected
(Low speed mode)
(Note 2)
P50, P51/XCIN,XCOUT
selection bit
0: P50, P51
1: XCIN, XCOUT (Note 2)
0
Notes 1:
2:
In the products having a RAM capacity of 192 bytes or
less, set this bit to “0.”
Since the 7470/7477 group is not provided with the
sub-clock generating circuit, f(X
Fix these bits to “0.”
00FB16]
CIN
) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com