Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 265Page - Renesas Technology Corp 7477 Datasheet HTML 266Page - Renesas Technology Corp 7477 Datasheet HTML 267Page - Renesas Technology Corp 7477 Datasheet HTML 268Page - Renesas Technology Corp 7477 Datasheet HTML 269Page - Renesas Technology Corp 7477 Datasheet HTML 270Page - Renesas Technology Corp 7477 Datasheet HTML 271Page - Renesas Technology Corp 7477 Datasheet HTML 272Page - Renesas Technology Corp 7477 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 361 page
background image
2-43
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.8 Low-power dissipation function
7470
7471
7477
7478
Fig. 2.8.2 Example of control procedure [Ordinary mode
→ Stop mode → Ordinary mode]
(1) Ordinary mode
→ Stop mode → Ordinary mode
Specifications: The stop mode is executed by the STP instruction.
Restoration to the ordinary mode is attained by INT0 interrupt.
Figure 2.8.2 shows an example of control procedure.
,,,,
Clear the timer 3 interrupt enable bit (timer 3 interrupt disabled)
Clear the timer 4 interrupt enable bit (timer 4 interrupt disabled)
Stop the timer 3 and timer 4 and select the timer 3 count
source
(Set the Timer 34 mode register)
RTI
!! !
!! ! 11
Select the timer 3 count source
Set the interrupt disable flag (each interrupt disabled)
Clear the interrupt disable flag (each interrupt enabled)
INT0 interrupt
Set the return interrupt source
Clear the INT0 interrupt request bit
Execute the NOP instruction
Set the INT0 interrupt enable bit
(INT0 interrupt enabled)
Set the timer 3 and 4 count state
(Set the Timer 34 mode register)
!! !
!! ! 00 T34M (Address 00F916)
Timer 3 count
Timer 4 count
Execute the STP instruction
Clear the interrupt disable flag (each interrupt enabled)
Re-set the timer 3 and 4
Timer 34 mode register
Timer 3 register
Timer 4 register
T34M (Address 00F916)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com