Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 280Page - Renesas Technology Corp 7477 Datasheet HTML 281Page - Renesas Technology Corp 7477 Datasheet HTML 282Page - Renesas Technology Corp 7477 Datasheet HTML 283Page - Renesas Technology Corp 7477 Datasheet HTML 284Page - Renesas Technology Corp 7477 Datasheet HTML 285Page - Renesas Technology Corp 7477 Datasheet HTML 286Page - Renesas Technology Corp 7477 Datasheet HTML 287Page - Renesas Technology Corp 7477 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-58
APPLICATION
2.11 Differences between 7470/7471 group and 7477/7478 group
7470
7471
7477
7478
2.11 Differences between 7470/7471 group
and 7477/7478 group
Table 2.11.1 shows differences between the 7470/7471 group and the 7477/7478 group. Exercise due
care at substitution.
Table 2.11.1 Differences between 7470/7471 group and 7477/7478 group
RAM size
ROM size
32-pin SOP
Operating temperature
range
Interrupt source types
Serial I/O
Byte specification mode
Port P2
Software pull-up control
A-D conversion VREF
OFF function
7470/7471 group
128/192/384 bytes
4K/8K/16K byte
N
-20 to 85°C
12
Clock synchronous
Y
General I/O port / Analog input
P0, P1, P2, P4, P5
Y
7477/7478 group
192/384 bytes
(128/192/384 bytes for extended operating temperature version)
8K/16K byte
(4K/8K/16K byte for extended operating temperature version)
Y
-20 to 85°C
(-40°C to +85°C for
extended operating temperature version)
13
Clock synchronous / UART
N
General input port / Analog input
P0, P1, P4, P5
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com