Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 284Page - Renesas Technology Corp 7477 Datasheet HTML 285Page - Renesas Technology Corp 7477 Datasheet HTML 286Page - Renesas Technology Corp 7477 Datasheet HTML 287Page - Renesas Technology Corp 7477 Datasheet HTML 288Page - Renesas Technology Corp 7477 Datasheet HTML 289Page - Renesas Technology Corp 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-2
APPENDIX
3.1 Control registers
3.1 Control registers
Fig. 3.1.1 Structure of Port Pi direction register (i=0, 1, 2, 4)
Fig. 3.1.2 Structure of Port P0 pull-up control register
b0
At reset
0
0
Port Pi direction register (PiD) (i = 0,1,2,4)
[Address 00C116, 00C316, 00C516, 00C916]
Port Pi direction register
0
0
0
Port Pi direction
register
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
0
B
0
1
2
3
4
7
5
6
RW
Name
Function
Notes 1:
2:
The 7477/7478 group is not provided with the port P2
direction register (input only).
The Port P4 is provided as below:
•7470/7477 group has 2 bits of P4 0 and P41
•7471/7478 group has 4 bits of P4 0 to P43.
b1
b2
b3
b4
b5
b6
b7
b7 b6 b5 b4 b3 b2 b1 b0
Name
Function
At reset RW
0
0
Port P0 pull-up control register
Port P0 pull-up control register
0
0
0
0
0
0
Port P00 pull-up
control bit
B
0
1
2
3
4
7
5
6
Port P01 pull-up
control bit
Port P02 pull-up
control bit
Port P03 pull-up
control bit
Port P04 pull-up
control bit
Port P05 pull-up
control bit
Port P06 pull-up
control bit
Port P07 pull-up
control bit
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
[Address 00D016]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com