Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 286Page - Renesas Technology Corp 7477 Datasheet HTML 287Page - Renesas Technology Corp 7477 Datasheet HTML 288Page - Renesas Technology Corp 7477 Datasheet HTML 289Page - Renesas Technology Corp 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp 7477 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-4
APPENDIX
3.1 Control registers
Fig. 3.1.5 Structure of Input latch register
Fig. 3.1.6 Structure of A-D control register
Nothing is allocated for these bits. These
are write disabled bits and are undefined at
reading.
b7 b6 b5 b4 b3 b2 b1 b0
Name
Function
At reset
Input latch register (ILR) [Address
2
P30/INT0 latch bit
1
3
Input latch register
?
W
R
B
0
4
to
7
!
P31/INT1 latch bit
P32/CNTR0 latch bit
P33/CNTR1 latch bit
?
!
?
!
?
!
?
!
?
When b0 of EG (Note) is “0”:
reverse level on INT0 pin
When b0 of EG (Note) is “1”:
level on INT0 pin
When b1 of EG (Note) is “0”:
reverse level on INT1 pin
When b1 of EG (Note) is “1”:
level on INT1 pin
When b2 of EG (Note) is “0”:
reverse level on CNTR 0 pin
When b2 of EG (Note) is “1”:
level on CNTR0 pin
When b3 of EG (Note) is “0”:
reverse level on CNTR 1 pin
When b3 of EG (Note) is “1”:
level on CNTR1 pin
Note: EG is the Edge polarity selection register.
00D616]
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register (ADCON) [Address
B
At reset
R W
A-D control register
0
1
2
3
4
5, 6
0
1
0
00 0
Name
Function
A-D input selection
bits
0 0 0 : P20/IN0
0 : Under conversion
1 : End conversion
0
0
b2 b1 b0
7
0
(Note 1)
A-D conversion end
bit
(Note 2)
VREF connection
selection bit
VThe 7477/7478 group is not
provided with this bit.
This bit is undefined at
reset.
Nothing is allocated for these bits.
These are write disabled bits and are
undefined at reading.
Fix this bit to “0.”
?? !
0 0 1 : P21/IN1
0 1 0 : P22/IN2
0 1 1 : P23/IN3
1 0 0 : P24/IN4
1 0 1 : P25/IN5
1 1 0 : P26/IN6
1 1 1 : P27/IN7
0 : The VREF pin is
separated from the
comparison voltage
generator.
1 : The VREF pin is
connected to
comparison voltage
generator.
Notes 1:
2:
Since the 7470/7477 group is not provided with pins
P24–P27, do not set.
•A-D conversion is started by setting bit 3 to “0.”
•Writing “0” into bit 3 is valid. Even if “1” is written into
bit 3, this bit is not set to “1.” Accordingly, when writing a
value into the A-D control register without affecting bit 3,
set bit 3 to “1.”
00D916]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com