Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp 7477 Datasheet HTML 294Page - Renesas Technology Corp 7477 Datasheet HTML 295Page - Renesas Technology Corp 7477 Datasheet HTML 296Page - Renesas Technology Corp 7477 Datasheet HTML 297Page - Renesas Technology Corp 7477 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-8
APPENDIX
3.1 Control registers
Fig. 3.1.13 Structure of Serial I/O control register
Fig. 3.1.14 Structure of UART control register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O control register (SIOCON) [Address
B
At reset
RW
Serial I/O control register (7477/7478 group)
0
1
2
3
4
5
6
7
0
0
Name
Function
BRG count source
selection bit (CSS)
0 : f(XIN)/4 or f(XCIN)/4
1 : f(XIN)/16 or f(XCIN)/16
Serial I/O
synchronous clock
selection bit (SCS)
Transmit interrupt
source selection
bit (TIC)
Transmit enable bit (TE)
Receive enable bit (RE)
Serial I/O enable
bit (SIOE)
Serial I/O mode
selection bit (SIOM)
SRDY output enable
bit (SRDY)
VIn the UART mode,
this bit is invalid.
0
0
0
0
0
0
•In clock synchronous mode
0 : BRG output divided by 4
1 : External clock input
•In UART mode
0 : BRG output divided by 16
1 : External clock input
divided by 16
0 : P17/SRDY pin operates
as ordinary I/O pin
1 : P17/SRDY pin operates
as SRDY output pin
0 : When transmit buffer
has emptied
1 : When transmit shift
operation is completed
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
0 : Clock asynchronous
serial I/O (UART)
1 : Clock synchronous
0 : Serial I/O disabled
(pins operates as ordinary
I/O pins P14–P17)
1 : Serial I/O enabled
(pins operates as serial
I/O pins RXD - SRDY)
(Note)
Note: Port P14–P17 are operates as the serial I/O pin only when
the serial I/O enable bit is “1” (enable state).
At this time, Port P1 7 is also used as an ordinary I/O port.
In the UART mode, port P1 6 is used as an ordinary I/O port
when the internal clock is selected.
00E216]
b7 b6 b5 b4 b3 b2 b1 b0
UART control register (UARTCON) [Address
B
At reset RW
UART control register (7477/7478 group)
0
1
2
3
4
to
7
0
0
0
0
1
Name
Function
Character length
selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit
(PARE)
0: Parity checking disabled
1: Parity checking enabled
Stop bit length
selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
Nothing is allocated for these bits. These are write
disabled bits. When these bits are read out, the
values are “1.”
Parity selection bit
(PARS)
0: Even parity
1: Odd parity
!
1
111 1
00E316]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com