Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp 7477 Datasheet HTML 294Page - Renesas Technology Corp 7477 Datasheet HTML 295Page - Renesas Technology Corp 7477 Datasheet HTML 296Page - Renesas Technology Corp 7477 Datasheet HTML 297Page - Renesas Technology Corp 7477 Datasheet HTML 298Page - Renesas Technology Corp 7477 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 361 page
background image
3-9
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.1 Control registers
Fig. 3.1.16 Structure of Timer FF register
Fig. 3.1.15 Structure of Timers 1 to 4
Note :
b7 b6 b5 b4 b3 b2 b1 b0
Timer 1, Timer 2, Timer 3, Timer 4 (T1, T2, T3, T4)
[Address 00F016, 00F116, 00F216,
B
Function
At reset RW
0
to
7
•Set “0016 to FF16.”
•The value is decremented by 1 each time a
count source is input.
•Each Timer values are set to the respective
counter.
•The count values are read out by reading the
respective timer.
(Note)
Timers 1 to 4
Timers 1 and 2 are undefined.
Timer 3 is “FF16.”
Timer 4 is “0716.”
00F316]
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
Timer 1
division flip-flop
0
1
At reset R W
0
0
Timer FF register (TF) [Address
Timer FF register
Nothing is allocated for these bits. These are
write disabled bits and are undefined at
reading.
2
to
7
? !
?
Timer 4
division flip-flop
0 : Initial value is “0”
1 : Initial value is “1”
0 : Initial value is “0”
1 : Initial value is “1”
00F716]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com