Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 295Page - Renesas Technology Corp 7477 Datasheet HTML 296Page - Renesas Technology Corp 7477 Datasheet HTML 297Page - Renesas Technology Corp 7477 Datasheet HTML 298Page - Renesas Technology Corp 7477 Datasheet HTML 299Page - Renesas Technology Corp 7477 Datasheet HTML 300Page - Renesas Technology Corp 7477 Datasheet HTML 301Page - Renesas Technology Corp 7477 Datasheet HTML 302Page - Renesas Technology Corp 7477 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 361 page
background image
3-13
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.1 Control registers
Fig. 3.1.24 Structure of Interrupt control register 2
Fig. 3.1.23 Structure of Interrupt control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 1 (IE1) [Address
B
Name
Function
At reset RW
Interrupt control register 1
0
0 : Interrupt disabled
1 : Interrupt enabled
0
Timer 1 interrupt
enable bit
1
Timer 2 interrupt
enable bit
0
2
Timer 3 interrupt
enable bit
0
3
Timer 4 interrupt
enable bit
0
0
0
Note:
4
Serial I/O receive interrupt
enable bit (7477/7478
group) (Note)
?
5
6
7
A-D conversion completion
interrupt enable bit
0
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
!
Serial I/O interrupt enable
bit (7470/7471 group)
Serial I/O transmit interrupt
enable bit (7477/7478 group)
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
In the 7470/7471 group, Nothing is allocated for bit 5.
This is write disabled bit and undefined at reading.
?
00FE16]
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 2 (IE2) [Address
B
Name
Function
At reset RW
Interrupt control register 2
0
0 : Interrupt disabled
1 : Interrupt enabled
0
INT0 interrupt enable
bit
1
INT1 interrupt enable
bit
0
2
CNTR0 or CNTR1
interrupt enable bit
0
3
to
7
?
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
!
Nothing is allocated for these bits. There are write
disabled bits and are undefined at reading.
?
00FF16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com