Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 285Page - Renesas Technology Corp 7477 Datasheet HTML 286Page - Renesas Technology Corp 7477 Datasheet HTML 287Page - Renesas Technology Corp 7477 Datasheet HTML 288Page - Renesas Technology Corp 7477 Datasheet HTML 289Page - Renesas Technology Corp 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 361 page
background image
3-3
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.1 Control registers
Fig. 3.1.3 Structure of Ports P1 to P5 pull-up control register
Fig. 3.1.4 Structure of Edge polarity selection register
Name
b
Function
0
1
At reset
R W
0
0
Ports P1 to P5 pull-up control register [Address
Ports P1 to P5 pull-up control register
3
0
4
0
2
5
0 : No pull-up
1 : Pull-up
6
0
7
0
Notes
Ports P10 to P13
pull-up control bit
Ports P40 to P43 pull-up
control bit
(Note 4)
Ports P24 to P27 pull-up
control bit
(Notes 2, 3)
Ports P20 to P23 pull-up
control bit
(Note 2)
Ports P14 to P17
pull-up control bit
!
!
1 : In the 7470/7477 group, the P1 to P4 Pull-up control register
is provided.
2 : In the 7477/7478 group, nothing is allocated to these bits.
They are undefined at reading.
3 : In the 7470/7477 group, nothing is allocated to these bits.
They are undefined at reading.
4 : The 7470/7477 group is provided with only
??
??
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
Ports P50 to P53 pull-up
control bit
(Note 3)
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
00D116]
P40 and P41.
b7 b6 b5 b4 b3 b2 b1 b0
b7 b6 b5 b4 b3 b2 b1 b0
Name
Function
1
At reset
0
0
Edge polarity selection register (EG) [Address
Edge polarity selection register
3
0
4
0
0
2
5
INT0 edge selection
bit
INT1 edge selection
bit
CNTR0 edge
selection bit
CNTR1 edge
selection bit
CNTR0/CNTR1
interrupt selection bit
INT1 source selection
bit (at STP or WIT
instruction execution)
0 : P31/INT1
1 : P00 to P07 “L” level input
(for key-on wake-up)
6, 7
0
Nothing is allocated for these bits. These are
write disabled bits and are undefined at reading.
0 : Falling edge
1 : Rising edge
0 : CNTR0
1 : CNTR1
W
R
B
0
?? !
0 : Falling edge
1 : Rising edge
0 : Falling edge
1 : Rising edge
0 : Falling edge
1 : Rising edge
00D416]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com