Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 300Page - Renesas Technology Corp 7477 Datasheet HTML 301Page - Renesas Technology Corp 7477 Datasheet HTML 302Page - Renesas Technology Corp 7477 Datasheet HTML 303Page - Renesas Technology Corp 7477 Datasheet HTML 304Page - Renesas Technology Corp 7477 Datasheet HTML 305Page - Renesas Technology Corp 7477 Datasheet HTML 306Page - Renesas Technology Corp 7477 Datasheet HTML 307Page - Renesas Technology Corp 7477 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-18
APPENDIX
3.2 Mask ROM ordering method
GZZ-SH02-93B<9YA0>
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37470M8-XXXSP
MITSUBISHI ELECTRIC
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three sets of EPROMs are required for each pattern (Check @ in the appropriate box).
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based in
this data. We shall assume the responsibility for errors only if the mask ROM data on the products we produce differ from
this data. Thus, the customer must be especially careful in verifying the data contained in the EPROMs submitted.
Checksum code for entire EPROM
(hexadecimal notation)
(1) Set “FF16” in the shaded area.
(2) Write the ASCII codes that indicates the name of the
product ‘M37470M8–’ to addresses 000016 to 000F16.
ASCII codes ‘M37470M8–’ are listed on the right. The
addresses and data are in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘7’ = 3716
‘4’ = 3416
‘7’ = 3716
‘0’ = 3016
‘M’ = 4D16
‘8’ = 3816
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ – ’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
EPROM type (indicate the type used)
27256
27512
000016
000F16
001016
3FFF16
400016
7FFF16
EPROM address
000016
000F16
001016
BFFF16
C00016
FFFF16
EPROM address
Area for ASCII
codes of the name
of the product
‘M37470M8–’
ROM (16K)
Area for ASCII
codes of the name
of the product
‘M37470M8–’
ROM (16K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com