Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 302Page - Renesas Technology Corp 7477 Datasheet HTML 303Page - Renesas Technology Corp 7477 Datasheet HTML 304Page - Renesas Technology Corp 7477 Datasheet HTML 305Page - Renesas Technology Corp 7477 Datasheet HTML 306Page - Renesas Technology Corp 7477 Datasheet HTML 307Page - Renesas Technology Corp 7477 Datasheet HTML 308Page - Renesas Technology Corp 7477 Datasheet HTML 309Page - Renesas Technology Corp 7477 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-20
APPENDIX
3.2 Mask ROM ordering method
M37471M2-XXXSP
GZZ-SH02-94B<9YB0>
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three sets of EPROMs are required for each pattern (Check @ in the appropriate box).
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based in
this data. We shall assume the responsibility for errors only if the mask ROM data on the products we produce differ from
this data. Thus, the customer must be especially careful in verifying the data contained in the EPROMs submitted.
Microcomputer name :
27128
27256
000016
000F16
001016
2FFF16
300016
3FFF16
Checksum code for entire EPROM
(hexadecimal notation)
(1) Set “FF16” in the shaded area.
(2) Write the ASCII codes that indicates the name of the
product ‘M37471M2–’ to addresses 000016 to 000F16.
ASCII codes ‘M37471M2–’ are listed on the right. The
addresses and data are in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘7’ = 3716
‘4’ = 3416
‘7’ = 3716
‘1’ = 3116
‘M’ = 4D16
‘2’ = 3216
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ – ’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
EPROM address
EPROM type (indicate the type used)
Microcomputer name :
M37471M2-XXXFP
27512
000016
000F16
001016
6FFF16
700016
7FFF16
EPROM address
000016
000F16
001016
EFFF16
F00016
FFFF16
EPROM address
Area for ASCII
codes of the name
of the product
‘M37471M2–’
Area for ASCII
codes of the name
of the product
‘M37471M2–’
Area for ASCII
codes of the name
of the product
‘M37471M2–’
ROM (4K)
ROM (4K)
ROM (4K)
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37471M2-XXXSP/FP
MITSUBISHI ELECTRIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com