Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 31Page - Texas Instruments PCM5310PAP Datasheet HTML 32Page - Texas Instruments PCM5310PAP Datasheet HTML 33Page - Texas Instruments PCM5310PAP Datasheet HTML 34Page - Texas Instruments PCM5310PAP Datasheet HTML 35Page - Texas Instruments PCM5310PAP Datasheet HTML 36Page - Texas Instruments PCM5310PAP Datasheet HTML 37Page - Texas Instruments PCM5310PAP Datasheet HTML 38Page - Texas Instruments PCM5310PAP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
ZERO FLAG DETECTION
LRCK4
BCK4
DATA4
LRCK5
BCK5
DATA5
PORT-4
DAC12
DAC34
ZeroData
orNot
ZeroData
orNot
Increment
Counter
GPIOControl
GPIO1
GPIO2
GPIO3
Increment
Counter
PORT-5
AMUTE Control
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 detects continuous zero data input to either DAC12, DAC34, or both DAC12 and DAC34. The
GPIO pins can output the status to an external device by the register setting. The flag changes from low to high
when the L-and R-channel data are zero after 1024 fS. The descriptions for the zero flag detection registers are
shown in Table 22. Figure 42 shows the zero flag detection operation.
Table 22. Zero Flag Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
GPIO1 selection
09
GSL1[4:0]
GPIO2 selection
10
GSL2[4:0]
GPIO3 selection
11
GSL3[4:0]
Figure 42. Zero Flag Detection
The PCM5310 has an AMUTE pin (pin 59) that controls the digital and analog mute function linked to Register 19
(13h). If these settings are disabled and the AMUTE pin goes from low to high, the PCM5310 holds the digital
and analog mute disabled. If these settings are enabled and the AMUTE pin goes from low to high, the
PCM5310 enables digital and analog mute. The mute function set by the AMUTE pin is effective, regardless of
the setting in Register 19.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com