Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 91 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 87Page - Texas Instruments PCM5310PAP Datasheet HTML 88Page - Texas Instruments PCM5310PAP Datasheet HTML 89Page - Texas Instruments PCM5310PAP Datasheet HTML 90Page - Texas Instruments PCM5310PAP Datasheet HTML 91Page - Texas Instruments PCM5310PAP Datasheet HTML 92Page - Texas Instruments PCM5310PAP Datasheet HTML 93Page - Texas Instruments PCM5310PAP Datasheet HTML 94Page - Texas Instruments PCM5310PAP Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
Register 118 (76h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
118
76h
GPIO1 and GPIO2 audio data selection
GP2S[3:0]
GP1S[3:0]
GP2S[3:0] GPIO2 Audio Data Selection
Default value: 0111
0000
Output DATA1
0001
Output DATA2
0010
Output DATA3
0011
Output DATA4
0100
Output DATA5
0101
Output DATA6
0110
Output GPIO1
0111
Input GPIO2 (default)
1000
Output DATA from ADC12
1001
Output DATA from ADC34
1010
Use GPIO function
Others
Reserved
GP1S[3:0] GPIO1 Audio Data Selection
Default value: 0110
0000
Output DATA1
0001
Output DATA2
0010
Output DATA3
0011
Output DATA4
0100
Output DATA5
0101
Output DATA6
0110
Input GPIO1 (default)
0111
Output GPIO2
1000
Output DATA from ADC12
1001
Output DATA from ADC34
1010
Use GPIO function
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
91
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com