Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 59Page - Texas Instruments PCM5310PAP Datasheet HTML 60Page - Texas Instruments PCM5310PAP Datasheet HTML 61Page - Texas Instruments PCM5310PAP Datasheet HTML 62Page - Texas Instruments PCM5310PAP Datasheet HTML 63Page - Texas Instruments PCM5310PAP Datasheet HTML 64Page - Texas Instruments PCM5310PAP Datasheet HTML 65Page - Texas Instruments PCM5310PAP Datasheet HTML 66Page - Texas Instruments PCM5310PAP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
Table 34. Digital Attenuation Level Setting for DAC34 (continued)
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
1110 1000
E8
–11.5 dB
1011 0101
B5
–37 dB
1000 0010
82
–62.5 dB
0100 1111
4F
–88 dB
1110 0111
E7
–12 dB
1011 0100
B4
–37.5 dB
1000 0001
81
–63 dB
0100 1110
4E
–88.5 dB
1110 0110
E6
–12.5 dB
1011 0011
B3
–38 dB
1000 0000
80
–63.5 dB
0100 1101
4D
–89 dB
1110 0101
E5
–13 dB
1011 0010
B2
–38.5 dB
0111 1111
7F
–64 dB
0100 1100
4C
–89.5 dB
1110 0100
E4
–13.5 dB
1011 0001
B1
–39 dB
0111 1110
7E
–64.5 dB
0100 1011
4B
–90 dB
1110 0011
E3
–14 dB
1011 0000
B0
–39.5 dB
0111 1101
7D
–65 dB
0100 1010
4A
–90.5 dB
1110 0010
E2
–14.5 dB
1010 1111
AF
–40 dB
0111 1100
7C
–65.5 dB
0100 1001
49
–91 dB
1110 0001
E1
–15 dB
1010 1110
AE
–40.5 dB
0111 1011
7B
–66 dB
0100 1000
48
–91.5 dB
1110 0000
E0
–15.5 dB
1010 1101
AD
–41 dB
0111 1010
7A
–66.5 dB
0100 0111
47
–92 dB
1101 1111
DF
–16 dB
1010 1100
AC
–41.5 dB
0111 1001
79
–67 dB
0100 0110
46
–92.5 dB
1101 1110
DE
–16.5 dB
1010 1011
AB
–42 dB
0111 1000
78
–67.5 dB
0100 0101
45
–93 dB
1101 1101
DD
–17 dB
1010 1010
AA
–42.5 dB
0111 0111
77
–68 dB
0100 0100
44
–93.5 dB
1101 1100
DC
–17.5 dB
1010 1001
A9
–43 dB
0111 0110
76
–68.5 dB
0100 0011
43
–94 dB
1101 1011
DB
–18 dB
1010 1000
A8
–43.5 dB
0111 0101
75
–69 dB
0100 0010
42
–94.5 dB
1101 1010
DA
–18.5 dB
1010 0111
A7
–44 dB
0111 0100
74
–69.5 dB
0100 0001
41
–95 dB
1101 1001
D9
–19 dB
1010 0110
A6
–44.5 dB
0111 0011
73
–70 dB
0100 0000
40
–95.5 dB
1101 1000
D8
–19.5 dB
1010 0101
A5
–45 dB
0111 0010
72
–70.5 dB
0011 1111
3F
–96 dB
1101 0111
D7
–20 dB
1010 0100
A4
–45.5 dB
0111 0001
71
–71 dB
0011 1110
3E
–96.5 dB
1101 0110
D6
–20.5 dB
1010 0011
A3
–46 dB
0111 0000
70
–71.5 dB
0011 1101
3D
–97 dB
1101 0101
D5
–21 dB
1010 0010
A2
–46.5 dB
0110 1111
6F
–72 dB
0011 1100
3C
–97.5 dB
1101 0100
D4
–21.5 dB
1010 0001
A1
–47 dB
0110 1110
6E
–72.5 dB
0011 1011
3B
–98 dB
1101 0011
D3
–22 dB
1010 0000
A0
–47.5 dB
0110 1101
6D
–73 dB
0011 1010
3A
–98.5 dB
1101 0010
D2
–22.5 dB
1001 1111
9F
–48 dB
0110 1100
6C
–73.5 dB
0011 1001
39
–99 dB
1101 0001
D1
–23 dB
1001 1110
9E
–48.5 dB
0110 1011
6B
–74 dB
0011 1000
38
–99.5 dB
1101 0000
D0
–23.5 dB
1001 1101
9D
–49 dB
0110 1010
6A
–74.5 dB
0011 0111
37
–100 dB
1100 1111
CF
–24 dB
1001 1100
9C
–49.5 dB
0110 1001
69
–75 dB
0011 0110
36
1100 1110
CE
–24.5 dB
1001 1011
9B
–50 dB
0110 1000
68
–75.5 dB
⋮
⋮
Mute
0000 0000
00
1100 1101
CD
–25 dB
1001 1010
9A
–50.5 dB
0110 0111
67
–76 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com