Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 15Page - Texas Instruments PCM5310PAP Datasheet HTML 16Page - Texas Instruments PCM5310PAP Datasheet HTML 17Page - Texas Instruments PCM5310PAP Datasheet HTML 18Page - Texas Instruments PCM5310PAP Datasheet HTML 19Page - Texas Instruments PCM5310PAP Datasheet HTML 20Page - Texas Instruments PCM5310PAP Datasheet HTML 21Page - Texas Instruments PCM5310PAP Datasheet HTML 22Page - Texas Instruments PCM5310PAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
SYSTEM CLOCK INPUT, OUTPUT, AND fS AUTOMATIC DETECTION
SCK1to6
Low
High
0.8V
2.0V
t
SCL
t
SCH
t
SCY
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 has six system clock input ports: SCK1, SCK2, SCK3, SCK4, SCK5, and SCK6. Each input port
can receive an independent clock at various frequencies. These ports are used for the internal clock of the digital
filters and delta-sigma modulators, which are combined into a single common audio clock. The PCM5310
automatically detects the input clock rate at 128 fS, 192 fS, 256 fS, 384 fS, 512 fS or 768 fS (where fS is the audio
sampling rate); if necessary, automatic clock rate detection can be disabled. The descriptions for the system
clock input, output, and fS automatic detection registers are shown in Table 3. Table 4 shows the frequency of
the common audio clock. Figure 30 and Table 5 shows the timing requirements for the system clock input.
Table 3. System Clock Input, Output, and fS Automatic Detection Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Master or slave with fS detection for DAC12
44
DMS12[3:0]
Audio interface format for DAC12
44
DFM12[1:0]
Master or slave with fS detection for DAC34
54
DMS34[3:0]
Audio interface format for DAC34
54
DFM34[1:0]
Master or slave with fS detection for ADC12
84
AMS12[3:0]
Audio interface format for ADC12
84
AFM12[1:0]
Master or slave with fS detection for ADC34
94
AMS34[3:0]
Audio interface format for ADC34
94
AFM34[1:0]
SCK6 clock output selection
07
PSC6[2:0]
Table 4. System Clock Frequencies for the Common Audio Clock
SAMPLING
SYSTEM CLOCK FREQUENCY (MHz)
FREQUENCY
(kHz)
128 fS
(1)
192 fS
(1)
256 fS
384 fS
512 fS
768 fS
32
4.0960
6.1440
8.1920
12.2880
16.3840
24.5760
44.1
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48
6.1440
9.2160
12.2880
18.4320
24.5760
36.8640
88.2
11.2896
16.9344
22.5792
33.8688
Not supported
Not supported
96
12.2880
18.4320
24.5760
36.8640
Not supported
Not supported
176.4(1)
22.5792
33.8688
Not supported
Not supported
Not supported
Not supported
192(1)
24.5760
36.8640
Not supported
Not supported
Not supported
Not supported
(1)
This sampling frequency and system clock frequency are supported only for the DAC.
Figure 30. System Clock Input Timing
Table 5. Timing Characteristics for Figure 30
PARAMETER
MIN
MAX
UNIT
tSCY
System clock cycle time
25
ns
tSCH
System clock high time
0.4 tSCY
ns
tSCL
System clock low time
0.4 tSCY
ns
System clock duty cycle
40
60
%
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com