Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 75 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 71Page - Texas Instruments PCM5310PAP Datasheet HTML 72Page - Texas Instruments PCM5310PAP Datasheet HTML 73Page - Texas Instruments PCM5310PAP Datasheet HTML 74Page - Texas Instruments PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
LRCK, BCKfrom ADC12atMaster
LRCK, BCKfrom ADC34atMaster
LRCK, BCKfrom DAC12atMaster
LRCK, BCKfrom DAC34atMaster
DATA from ADC12
DATA from ADC34
LRCK/BCKtoMUX_ADCxx andMUXDACxx
PORT-1
SCKtoMUX_ADCxx andMUXDACxx
DATAtoMUXDACxx
DAT A from GPIO1
DAT A from GPIO2
Register101
LBS1[3:0]
Register103
SCS1[2:0]
Register102
DTS1[3:0]
LRCK1
BCK1
LRCK2
BCK2
LRCK3
BCK3
LRCK4
BCK4
LRCK5
BCK5
LRCK6
BCK6
SCK1
SCK2
SCK3
SCK4
SCK5
SCK6
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
LBS1[3:0]: LRCK/BCK Selection of PORT-1 (MUX_P2BL)
These bits are used for routing LRCK and BCK of PORT-1. Any combination of LRCK1/BCK1 to LRCK6/BCK6
and LRCK/BCK of ADCs/DACs in master mode can be connected to PORT-1. Figure 48 shows a detailed
diagram of PORT-1.
Default value: 0000
0000
Input LRCK1 and BCK1 (default)
0001
Output LRCK2 and BCK2
0010
Output LRCK3 and BCK3
0011
Output LRCK4 and BCK4
0100
Output LRCK5 and BCK5
0101
Output LRCK6 and BCK6
0110
Output LRCK and BCK from DAC12 in master mode
0111
Output LRCK and BCK from DAC34 in master mode
1000
Output LRCK and BCK from ADC12 in master mode
1001
Output LRCK and BCK from ADC34 in master mode
Others
Reserved
Figure 48. Detailed Diagram of PORT-1
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
75
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com