Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 1 Page - Texas Instruments

  PCM5310PAP Datasheet HTML 1Page - Texas Instruments PCM5310PAP Datasheet HTML 2Page - Texas Instruments PCM5310PAP Datasheet HTML 3Page - Texas Instruments PCM5310PAP Datasheet HTML 4Page - Texas Instruments PCM5310PAP Datasheet HTML 5Page - Texas Instruments PCM5310PAP Datasheet HTML 6Page - Texas Instruments PCM5310PAP Datasheet HTML 7Page - Texas Instruments PCM5310PAP Datasheet HTML 8Page - Texas Instruments PCM5310PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
PCM5310
Burr-BrownAudio
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec
with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
• Power-Supply Voltage:
234
• 2- or 2.4-V
RMS Output (Typ), 2-VRMS Input (Typ)
–
9 V for 2-VRMS Driver
• Asynchronous Operation for 2 Stereo DACs
–
3.3 V for Digital and Analog
and 2 Stereo ADCs
• Power Consumption:
• 6 Audio Interface Ports with Mux and Bypass
–
360 mW at fS = 48-kHz Operation
• Performance:
–
25.5
µW in Power-Down Mode
–
THD+N (fS = 48 kHz):
• Pop Noise Reduction at Clock Halt
0.01% (ADC), 0.01% (DAC)
• Short-Circuit Protection for Headphone Output
–
SNR/DR (fS = 48 kHz):
• Flexible GPIO Port:
95 dB (ADC), 100 dB (DAC)
–
Internal Mute Flag
–
Line Input (Stereo x6):
–
Internal Zero Flag
Available for 2-VRMS Input
–
Headphone Insertion Detection Status
–
Line Output (Stereo x2):
–
Headphone Short-Circuit Protection Status
Available for 2-VRMS or 2.4-VRMS Output
–
Logic Functions (AND, NAND, OR, NOR,
–
Headphone Output:
BUF, INV)
> 20 mW into 32
Ω, > 30 mW into 16 Ω
• Package: 64-Pin HTQFP PowerPAD™
–
Sampling Rate:
96 kHz (ADC), 192 kHz (DAC)
• Operating Temperature Range:–25°C to +85°C
–
System Clock:
128 fS, 192 fS, 256 fS, 384 fS, 512 fS, 768 fS
• Digital TV
–
Digital Filter Passband Ripple:
• DVD Recorder
±0.05 dB (ADC), ±0.04 dB (DAC)
• IP-STB (Set Top Box)
–
Digital Filter Stop Band Attenuation:
–65 dB (ADC), –50 dB (DAC)
• I2C™ Interface
The PCM5310 is a four-channel/four-channel audio
• Multifunctions:
codec with a 2-VRMS driver, headphone amplifier,
–
Audio Interface:
analog multiplexer (mux), and six audio interface
I2S™, Left-Justified, and Right-Justified
ports for digital TV applications.
–
Digital Attenuation:
The PCM5310 accepts left-justified, right-justified,
0 dB to –100 dB in 0.5-dB Steps (DAC),
and I2S audio data formats with 16 or 24 bits. The
20 dB to –100 dB in 0.5-dB Steps (ADC)
PCM5310 also incorporates many functions through
–
Digital Soft Mute: 1.0-dB Steps to Mute
the I2C interface, such as an analog bypass mode,
analog volume control, analog level control, analog
–
Digital De-Emphasis Filter: 32, 44.1, 48 kHz
multiplexer,
GPIO,
zero
flag,
short
protection,
–
Digital Audio Interface Mux and Bypass
de-emphasis
filter,
high-pass
filter,
and
digital
–
Line Input Level Control: 9, 6, 3, 0 dB
attenuator. The six audio interface ports each have a
built-in digital mux and bypass functions to reduce the
–
Line Output Level Control: 0, –0.5, –1.0 dB
need for additional DSP ports or other devices.
–
Headphone Output Volume Control:
12 dB to –70 dB in 1-dB Steps
–
Oversampling Rate Control for DAC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
I2C, I2S are trademarks of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM5310PAP

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCM5 OMEGA-PCM5 Datasheet
216Kb / 1P
Pulse Control Module Converts 4 to 20 mA to Proportional Power Control
PCM5. OMEGA-PCM5. Datasheet
216Kb / 1P
Pulse Control Module Converts 4 to 20 mA to Proportional Power Control
logo
Winsonic Electronics
PCM50041-WH35L0-CB0M0A WINSONIC-PCM50041-WH35L0-CB0M0A Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0B WINSONIC-PCM50041-WH35L0-CB0M0B Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0C WINSONIC-PCM50041-WH35L0-CB0M0C Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50\" LCD monitor, 1920 x 1080, LED 350 nits, Intel® Celeron J1900,Intel® Core™ Ultra Series 2 Processors
More results

Similar Description - PCM5310PAP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
192 kHz 4-ch Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com