Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 48Page - Texas Instruments PCM5310PAP Datasheet HTML 49Page - Texas Instruments PCM5310PAP Datasheet HTML 50Page - Texas Instruments PCM5310PAP Datasheet HTML 51Page - Texas Instruments PCM5310PAP Datasheet HTML 52Page - Texas Instruments PCM5310PAP Datasheet HTML 53Page - Texas Instruments PCM5310PAP Datasheet HTML 54Page - Texas Instruments PCM5310PAP Datasheet HTML 55Page - Texas Instruments PCM5310PAP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
Register 30 (1Eh)
Register 31 and 32 (1Fh and 20h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
30
1Eh
Headphone output volume control
HUPE
RSV
HSUR
HSUL
RSV
RSV
RSV
HZRS
HUPE: Headphone Volume Update Control Enable
HSUR: Headphone Volume Setting Update for Headphone Output, R-Channel
HSUL: Headphone Volume Setting Update for Headphone Output, L-Channel
HZRS: Headphone Volume Zero Cross Enable
The volume level of the headphone output can be changed independently to any level by setting HMUL/HMUR
and HVOL[6:0]/HVOR[6:0] when HUPE = '0'. When HUPE = '1', the volume level is changed to any level at the
same time when HSUR = '1' or HSUL = '1'. Both bits are automatically set to '0' after being set to '1'. HSUR and
HSUL must be set to '1' for every volume level setting during HUPE = '1'.
Default value of HUPE and HZRS: 1. Default value of HSUR and HSUL: 0
HUPE = 0
Headphone volume update control disable
HUPE = 1
Headphone volume update control enable (default)
HSUR, HSUL = 0 No update volume setting data (default)
HSUR, HSUL = 1 Update volume setting data (set to '0' automatically after setting to '1')
HZRS = 0
Headphone volume zero crossing disable
HZRS = 1
Headphone volume zero crossing enable (default)
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
Headphone mute and volume level setting for
31
1Fh
HMUL
HVOL[6:0]
R-channel
Headphone mute and volume level setting for
32
20h
HMUR
HVOR[6:0]
L-channel
HMUL: Headphone Volume Mute Control for L-Channel
HMUR: Headphone Volume Mute Control for R-Channel
The headphone output can be independently muted to zero level when HMUL and HMUR = '1'. These settings
take precedence over volume level settings by HVOL and HVOR. The headphone output may have audible
zipper noise while changing levels. This noise can be reduced by selecting zero-crossing detection (Register 30,
HZRS).
Default value: 0
0
Mute disabled (default)
1
Mute enabled
HVOL[6:0]: Headphone Volume Level Control for L-Channel
HVOR[6:0]: Headphone Volume Level Control for R-Channel
The headphone output can be independently programmed to between 12 dB to –70 dB in 1-dB steps. The
headphone output may have audible zipper noise while changing levels. This noise can be reduced by selecting
zero-crossing detection (Register 30, HZRS).
Default value: 010 1101
52
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com