Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 72Page - Texas Instruments PCM5310PAP Datasheet HTML 73Page - Texas Instruments PCM5310PAP Datasheet HTML 74Page - Texas Instruments PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments PCM5310PAP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
Register 102 (66h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
102
66h
DATA selection of PORT-1 and PORT-2
DTS2[3:0]
DTS1[3:0]
DTS2[3:0]: DATA Selection of PORT-2 (MUX_P2DT)
These bits are used for routing DATA of PORT-2. Any combination of DATA1 to DATA6 and DATA of ADCs in
master mode can be connected to PORT-2. Refer to Figure 47 for more details.
Default value: 0001
0000
Output DATA1
0001
Input DATA2 (default)
0010
Output DATA3
0011
Output DATA4
0100
Output DATA5
0101
Output DATA6
0110
Output GPIO1
0111
Output GPIO2
1000
Output DATA from ADC12
1001
Output DATA from ADC34
Others
Reserved
DTS1[3:0]: DATA Selection of PORT-1 (MUX_P1DT)
These bits are used for routing DATA of PORT-1. Any combination of DATA1 to DATA6 and DATA of ADCs in
master mode can be connected to PORT-1. Refer to Figure 48 for more details.
Default value: 0000
0000
Input DATA1 (default)
0001
Output DATA2
0010
Output DATA3
0011
Output DATA4
0100
Output DATA5
0101
Output DATA6
0110
Output GPIO1
0111
Output GPIO2
1000
Output DATA from ADC12
1001
Output DATA from ADC34
Others
Reserved
76
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com