Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 41Page - Texas Instruments PCM5310PAP Datasheet HTML 42Page - Texas Instruments PCM5310PAP Datasheet HTML 43Page - Texas Instruments PCM5310PAP Datasheet HTML 44Page - Texas Instruments PCM5310PAP Datasheet HTML 45Page - Texas Instruments PCM5310PAP Datasheet HTML 46Page - Texas Instruments PCM5310PAP Datasheet HTML 47Page - Texas Instruments PCM5310PAP Datasheet HTML 48Page - Texas Instruments PCM5310PAP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 103 page
background image
Registers 13-16 (0Dh-10h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
13
0Dh
Headphone short-circuit protection enable/disable
RSV
SRCR
SHCR
SPDR
RSV
SRCL
SHCL
SPDL
14
0Eh
Headphone short-circuit protection detect time
RSV
RSV
SDTR[1:0]
RSV
RSV
SDTL[1:0]
Headphone short-circuit protection release time,
15
0Fh
RSV
SADR
SRTR[1:0]
RSV
SADL
SRTL[1:0]
auto control
16
10h
Headphone short-circuit protection status read
RSV
RSV
RSV
SSHR
RSV
RSV
RSV
SSHL
SRCR: Reset Short-Circuit Protection for Headphone Output R-Channel
SRCL: Reset Short-Circuit Protection for Headphone Output L-Channel
These bits initialize the short-circuit protection for the headphone outputs by setting SRCR = SRCL = '1'. After
completing the initialization, the data of both registers are automatically set to '1'.
Default value: 1
0
Reset (set to '1' automatically after set to '0')
1
Normal operation (default)
SPDR: Short-Circuit Protection Disable for Headphone Output R-Channel
SPDL: Short-Circuit Protection Disable for Headphone Output L-Channel
These bits disable the short-circuit protection for the headphone outputs.
Default value: 0
0
Enable (default)
1
Disable
SDTR[1:0]: Short-Circuit Protection Detect Time Control for Headphone Output R-Channel
SDTL[1:0]: Short-Circuit Protection Detect Time Control for Headphone Output L-Channel
These bits define the continuous time until a short-circuit is detected on the headphone outputs. If the
short-circuit time does not reach the defined time, the PCM5310 does not enable short-circuit protection.
Default value: 11
00
4096 fS, 85.2 ms at fS = 48 kHz
01
8192 fS, 170.4 ms at fS = 48 kHz
10
16384 fS, 340.8 ms at fS = 48 kHz
11
32768 fS, 681.6 ms at fS = 48 kHz (default)
SRTR[1:0]: Short-Circuit Protection Release Time Control for Headphone Output R-Channel
SRTL[1:0]: Short-Circuit Protection Release Time Control for Headphone Output L-Channel
These bits define the time until the short-circuit protection is released after detecting a short-circuit.
Default value: 11
00
4096 fS, 85.2 ms at fS = 48 kHz
01
8192 fS, 170.4 ms at fS = 48 kHz
10
16384 fS, 340.8 ms at fS = 48 kHz
11
32768 fS, 681.6 ms at fS = 48 kHz (default)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com