Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 89 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 85Page - Texas Instruments PCM5310PAP Datasheet HTML 86Page - Texas Instruments PCM5310PAP Datasheet HTML 87Page - Texas Instruments PCM5310PAP Datasheet HTML 88Page - Texas Instruments PCM5310PAP Datasheet HTML 89Page - Texas Instruments PCM5310PAP Datasheet HTML 90Page - Texas Instruments PCM5310PAP Datasheet HTML 91Page - Texas Instruments PCM5310PAP Datasheet HTML 92Page - Texas Instruments PCM5310PAP Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
Register 116 (74h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
116
74h
LRCK/BCK selection of ADC12 and ADC34
A34LB[3:0]
A12LB[3:0]
A34LB[3:0]: LRCK/BCK Selection of ADC34 (MUX_AD34)
These bits are used for routing LRCK and BCK from each audio interface port to ADC34, or routing LRCK and
BCK from DACs/ADCs to each audio interface port in master mode. Refer to Figure 33 for more details.
Default value: 0001
0000
Select LRCK and BCK from PORT-1
0001
Select LRCK and BCK from PORT-2 (default)
0010
Select LRCK and BCK from PORT-3
0011
Select LRCK and BCK from PORT-4
0100
Select LRCK and BCK from PORT-5
0101
Select LRCK and BCK from PORT-6
0110
Select LRCK and BCK from DAC12 in master mode
0111
Select LRCK and BCK from DAC34 in master mode
1000
Select LRCK and BCK from ADC12 in master mode
1001
Select LRCK and BCK from ADC34 in master mode
Others
Reserved
A12LB[3:0] LRCK/BCK Selection of ADC12 (MUX_AD12)
These bits are used for routing LRCK and BCK from each audio interface port to ADC12, or routing LRCK and
BCK from DACs/ADCs to each audio interface port in master mode. Refer to Figure 33 for more details.
Default value: 0000
0000
Select LRCK and BCK from PORT-1 (default)
0001
Select LRCK and BCK from PORT-2
0010
Select LRCK and BCK from PORT-3
0011
Select LRCK and BCK from PORT-4
0100
Select LRCK and BCK from PORT-5
0101
Select LRCK and BCK from PORT-6
0110
Select LRCK and BCK from DAC12 in master mode
0111
Select LRCK and BCK from DAC34 in master mode
1000
Select LRCK and BCK from ADC12 in master mode
1001
Select LRCK and BCK from ADC34 in master mode
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com