Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 68Page - Texas Instruments PCM5310PAP Datasheet HTML 69Page - Texas Instruments PCM5310PAP Datasheet HTML 70Page - Texas Instruments PCM5310PAP Datasheet HTML 71Page - Texas Instruments PCM5310PAP Datasheet HTML 72Page - Texas Instruments PCM5310PAP Datasheet HTML 73Page - Texas Instruments PCM5310PAP Datasheet HTML 74Page - Texas Instruments PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
Table 36. Digital Attenuation Level Setting for ADC34 (continued)
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
1111 0000
F0
12.5 dB
1011 0011
B3
–18 dB
0111 0110
76
–48.5 dB
0011 1001
39
–79 dB
1110 1111
EF
12 dB
1011 0010
B2
–18.5 dB
0111 0101
75
–49 dB
0011 1000
38
–79.5 dB
1110 1110
EE
11.5 dB
1011 0001
B1
–19 dB
0111 0100
74
–49.5 dB
0011 0111
37
–80 dB
1110 1101
ED
11 dB
1011 0000
B0
–19.5 dB
0111 0011
73
–50 dB
0011 0110
36
–80.5 dB
1110 1100
EC
10.5 dB
1010 1111
AF
–20 dB
0111 0010
72
–50.5 dB
0011 0101
35
–81 dB
1110 1011
EB
10 dB
1010 1110
AE
–20.5 dB
0111 0001
71
– 51 dB
0011 0100
34
–81.5 dB
1110 1010
EA
9.5 dB
1010 1101
AD
–21 dB
0111 0000
70
–51.5 dB
0011 0011
33
–82 dB
1110 1001
E9
9 dB
1010 1100
AC
–21.5 dB
0110 1111
6F
–52 dB
0011 0010
32
–82.5 dB
1110 1000
E8
8.5 dB
1010 1011
AB
–22 dB
0110 1110
6E
–52.5 dB
0011 0001
31
–83 dB
1110 0111
E7
8 dB
1010 1010
AA
–22.5 dB
0110 1101
6D
–53 dB
0011 0000
30
–83.5 dB
1110 0110
E6
7.5 dB
1010 1001
A9
–23 dB
0110 1100
6C
–53.5 dB
0010 1111
2F
–84 dB
1110 0101
E5
7 dB
1010 1000
A8
–23.5 dB
0110 1011
6B
–54 dB
0010 1110
2E
–84.5 dB
1110 0100
E4
6.5 dB
1010 0111
A7
–24 dB
0110 1010
6A
–54.5 dB
0010 1101
2D
–85 dB
1110 0011
E3
6 dB
1010 0110
A6
–24.5 dB
0110 1001
69
–55 dB
0010 1100
2C
–85.5 dB
1110 0010
E2
5.5 dB
1010 0101
A5
–25 dB
0110 1000
68
–55.5 dB
0010 1011
2B
–86 dB
1110 0001
E1
5 dB dB
1010 0100
A4
–25.5 dB
0110 0111
67
–56 dB
0010 1010
2A
–86.5 dB
1110 0000
E0
4.5 dB
1010 0011
A3
–26 dB
0110 0110
66
–56.5 dB
0010 1001
29
–87 dB
1101 1111
DF
4 dB
1010 0010
A2
–26.5 dB
0110 0101
65
–57 dB
0010 1000
28
–87.5 dB
1101 1110
DE
3.5 dB
1010 0001
A1
–27 dB
0110 0100
64
–57.5 dB
0010 0111
27
–88 dB
1101 1101
DD
3 dB
1010 0000
A0
–27.5 dB
0110 0011
63
–58 dB
0010 0110
26
–88.5 dB
1101 1100
DC
2.5 dB
1001 1111
9F
–28 dB
0110 0010
62
–58.5 dB
0010 0101
25
–89 dB
1101 1011
DB
2 dB
1001 1110
9E
–28.5 dB
0110 0001
61
–59 dB
0010 0100
24
–89.5 dB
1101 1010
DA
1.5 dB
1001 1101
9D
–29 dB
0110 0000
60
–59.5 dB
0010 0011
23
–90 dB
1101 1001
D9
1 dB
1001 1100
9C
–29.5 dB
0101 1111
5F
–60 dB
0010 0010
22
–90.5 dB
1101 1000
D8
0.5 dB
1001 1011
9B
–30 dB
0101 1110
5E
–60.5 dB
0010 0001
21
–91 dB
1101 0111
D7
0 dB (default)
1001 1010
9A
–30.5 dB
0101 1101
5D
–61 dB
0010 0000
20
–91.5 dB
1101 0110
D6
–0.5 dB
1001 1001
99
–31 dB
0101 1100
5C
–61.5 dB
0001 1111
1F
–92 dB
1101 0101
D5
–1 dB
1001 1000
98
–31.5 dB
0101 1011
5B
–62 dB
0001 1110
1E
–92.5 dB
1101 0100
D4
–1.5 dB
1001 0111
97
–32 dB
0101 1010
5A
–62.5 dB
0001 1101
1D
–93 dB
1101 0011
D3
–2 dB
1001 0110
96
–32.5 dB
0101 1001
59
–63 dB
0001 1100
1C
–93.5 dB
1101 0010
D2
–2.5 dB
1001 0101
95
–33 dB
0101 1000
58
–63.5 dB
0001 1011
1B
–94 dB
1101 0001
D1
–3 dB
1001 0100
94
–33.5 dB
0101 0111
57
–64 dB
0001 1010
1A
–94.5 dB
1101 0000
D0
–3.5 dB
1001 0011
93
–34 dB
0101 0110
56
–64.5 dB
0001 1001
19
–95 dB
1100 1111
CF
–4 dB
1001 0010
92
–34.5 dB
0101 0101
55
–65 dB
0001 1000
18
–95.5 dB
1100 1110
CE
–4.5 dB
1001 0001
91
–35 dB
0101 0100
54
–65.5 dB
0001 0111
17
–96 dB
1100 1101
CD
–5 dB
1001 0000
90
–35.5 dB
0101 0011
53
–66 dB
0001 0110
16
–96.5 dB
1100 1100
CC
–5.5 dB
1000 1111
8F
–36 dB
0101 0010
52
–66.5 dB
0001 0101
15
–97 dB
1100 1011
CB
–6 dB
1000 1110
8E
–36.5 dB
0101 0001
51
–67 dB
0001 0100
14
–97.5 dB
1100 1010
CA
–6.5 dB
1000 1101
8D
–37 dB
0101 0000
50
–67.5 dB
0001 0011
13
–98 dB
1100 1001
C9
–7 dB
1000 1100
8C
–37.5 dB
0100 1111
4F
–68 dB
0001 0010
12
–98.5 dB
1100 1000
C8
–7.5 dB
1000 1011
8B
–38 dB
0100 1110
4E
–68.5 dB
0001 0001
11
–99 dB
1100 0111
C7
–8 dB
1000 1010
8A
–38.5 dB
0100 1101
4D
–69 dB
0001 0000
10
–99.5 dB
1100 0110
C6
–8.5 dB
1000 1001
89
–39 dB
0100 1100
4C
–69.5 dB
0000 1111
0F
–100 dB
1100 0101
C5
–9 dB
1000 1000
88
–39.5 dB
0100 1011
4B
–70 dB
0000 1110
0E
1100 0100
C4
–9.5 dB
1000 0111
87
–40 dB
0100 1010
4A
–70.5 dB
⋮
⋮
Mute
0000 0000
00
1100 0011
C3
–10 dB
1000 0110
86
–40.5 dB
0100 1001
49
–71 dB
72
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com