Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments PCM5310PAP Datasheet HTML 80Page - Texas Instruments PCM5310PAP Datasheet HTML 81Page - Texas Instruments PCM5310PAP Datasheet HTML 82Page - Texas Instruments PCM5310PAP Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
LRCK3
BCK3
LRCK1
BCK1
LRCK2
BCK2
LRCK4
BCK4
LRCK,BCKfromADC12atMaster
LRCK,BCKfromADC34atMaster
LRCK,BCKfromDAC12atMaster
DATAfromGPIO1
DATAfromADC12
LRCK,BCKfromDAC34atMaster
DATAfromGPIO2
DATAfromADC34
SCK3
SCK1
SCK2
SCK4
DATA3
DATA1
DATA2
DATA4
LRCK/BCKtoMUX_ADCxxandMUXDACxx
SCKtoMUX_ADCxxandMUXDACxx
DATAtoMUXDACxx
LRCK5
BCK5
LRCK6
BCK6
SCK5
SCK6
DATA5
DATA6
Register105
DTS3[3:0]
Register106
SCS3[2:0]
Register104
LBS3[3:0]
PORT-3
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
LBS3[3:0]: LRCK/BCK Selection of PORT-3 (MUX_P3BL)
These bits are used for routing LRCK and BCK of PORT-3. Any combination of LRCK1/BCK1 to LRCK6/BCK6
and LRCK/BCK of ADCs/DACs in master mode can be connected to PORT-3. Figure 50 shows a detailed
diagram of PORT-3.
Default value: 0010
0000
Output LRCK1 and BCK1
0001
Output LRCK2 and BCK2
0010
Input LRCK3 and BCK3 (default)
0011
Output LRCK4 and BCK4
0100
Output LRCK5 and BCK5
0101
Output LRCK6 and BCK6
0110
Output LRCK and BCK from DAC12 in master mode
0111
Output LRCK and BCK from DAC34 in master mode
1000
Output LRCK and BCK from ADC12 in master mode
1001
Output LRCK and BCK from ADC34 in master mode
Others
Reserved
Figure 50. Detailed Diagram of PORT-3
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com