Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 16Page - Texas Instruments PCM5310PAP Datasheet HTML 17Page - Texas Instruments PCM5310PAP Datasheet HTML 18Page - Texas Instruments PCM5310PAP Datasheet HTML 19Page - Texas Instruments PCM5310PAP Datasheet HTML 20Page - Texas Instruments PCM5310PAP Datasheet HTML 21Page - Texas Instruments PCM5310PAP Datasheet HTML 22Page - Texas Instruments PCM5310PAP Datasheet HTML 23Page - Texas Instruments PCM5310PAP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
POWER ON/OFF RESET
VDD
Power-OnReset
2.2V Typical
(1.6Vto2.8V)
0s(min)
RSTB
I CSetting
2
1ms(min)
Power-UpforADCsandDACs
(1)
SCKx
InternalResetfor
ADCsandDACs
ClockInput
1.6V Typical
(1.0Vto2.0V)
ClockInput
ClockInput
I CSettingisEffective
2
1024Clocks
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The power-on reset (POR) circuit generates a reset signal at typically 2.2 V; this circuit does not depend on the
other power supplies: VCCDA, VCCAD, VCCH, and VCCP. The internal circuit is cleared to default status, then all
analog and digital outputs have no signal. It is recommended to turn the device on and off as shown in Figure 31,
in order to avoid loud, audible pop noises when powering the device on or off.
(1)
RSTB is active low. 100 ns (minimum) is needed for an effective reset to the internal circuit.
Figure 31. Power On/Off Reset
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com