Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 66 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 62Page - Texas Instruments PCM5310PAP Datasheet HTML 63Page - Texas Instruments PCM5310PAP Datasheet HTML 64Page - Texas Instruments PCM5310PAP Datasheet HTML 65Page - Texas Instruments PCM5310PAP Datasheet HTML 66Page - Texas Instruments PCM5310PAP Datasheet HTML 67Page - Texas Instruments PCM5310PAP Datasheet HTML 68Page - Texas Instruments PCM5310PAP Datasheet HTML 69Page - Texas Instruments PCM5310PAP Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 103 page
background image
Registers 80 and 81 (50h and 51h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
80
50h
Digital attenuation and mute control for ADC12
A12E
RSV
AUC2
AUC1
RSV
RSV
RSV
AZ12
81
51h
Digital soft mute for ADC12
RSV
FS12
RSV
RSV
RSV
RSV
AMU2
AMU1
A12E: Digital Attenuation and Mute Update Control Enable for ADC12
AUC2: Digital Attenuation and Mute Setting Update for ADC12, R-Channel
AUC1: Digital Attenuation and Mute Setting Update for ADC12, L-Channel
The digital attenuation and mute levels of ADC12 can be changed independently to any level by setting bits
AMU2 and AMU1 in Register 81, bits AAT1[7:0] in Register 82, and bits AAT2[7:0] in Register 83 when A12E =
'0'. When A12E = '1', the level is changed to any level at the same time when AUC2 = '1' or AUC1 = '1'. Both bits
are automatically set to '0' after they are set to '1'. AUC2 and AUC1 must be set to '1' for every volume level
setting while A12E = '1'.
Default value of A12E: 1. Default value of AUC2 and AUC1: 0
A12E = 0
Digital attenuation and mute update control disabled
A12E = 1
Digital attenuation and mute update control enabled (default)
AUC2, AUC1 = 0
No update level (default)
AUC2, AUC1 = 1
Update level (set to '1' automatically after setting to '0')
AZ12: Digital Attenuation and Mute Zero Crossing Enable for ADC12
This bit enables zero-crossing detection, which reduces zipper noise while the ADC digital attenuator and mute
settings are being changed. If no zero-crossing data are input for a 512/fS period (10.6 ms at a 48-kHz sampling
rate), then a timeout occurs and the PCM5310 volume level changes. Zero-crossing detection cannot be used
with continuous zero and dc data.
Default value: 1
0
Disable
1
Enable (default)
FS12: Sampling Rate Selection for ADC12
This bit is used to select the ADS12 sampling rate. FS12 must be set to '1' when the sampling rate is greater
than 48 kHz.
Default value: 0
0
fS ≤ 48 kHz (default)
1
fS > 48 kHz
AMU2: Digital Mute Control for ADC12, R-Channel
AMU1: Digital Mute Control for ADC12, L-Channel
The PCM5310 can independently mute the DAC digital input data to a zero level when AMU2 and AMU1 = '1'.
These settings take precedence over the attenuation level settings of bits AAT1[7:0] and AAT2[7:0] in registers
82 and 83. The analog outputs may have audible zipper noise while changing levels. This noise can be reduced
by selecting zero-crossing detection (Register 80, AZ12).
Default value: 0
0
Mute disabled (default)
1
Mute enabled
66
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com