Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 3Page - Texas Instruments PCM5310PAP Datasheet HTML 4Page - Texas Instruments PCM5310PAP Datasheet HTML 5Page - Texas Instruments PCM5310PAP Datasheet HTML 6Page - Texas Instruments PCM5310PAP Datasheet HTML 7Page - Texas Instruments PCM5310PAP Datasheet HTML 8Page - Texas Instruments PCM5310PAP Datasheet HTML 9Page - Texas Instruments PCM5310PAP Datasheet HTML 10Page - Texas Instruments PCM5310PAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
PIN ASSIGNMENTS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
BCK5
SCK5
DATA4
LRCK4
BCK4
SCK4
DGND
VDD
DATA3
LRCK3
BCK3
SCK3
DATA2
LRCK2
BCK2
SCK2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AIN1L
AIN1R
AIN2L
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AIN5L
AIN5R
AIN6L
AIN6R
LO1L
LO1R
LO2L
LO2R
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
PCM5310
PowerPAD
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
PAP PACKAGE
HTQFP-64
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
AIN1L
1
I
Line input 1 L-channel
AIN1R
2
I
Line input 1 R-channel
AIN2L
3
I
Line input 2 L-channel
AIN2R
4
I
Line input 2 R-channel
AIN3L
5
I
Line input 3 L-channel
AIN3R
6
I
Line input 3 R-channel
AIN4L
7
I
Line input 4 L-channel
AIN4R
8
I
Line input 4 R-channel
AIN5L
9
I
Line input 5 L-channel
AIN5R
10
I
Line input 5 R-channel
AIN6L
11
I
Line input 6 L-channel
AIN6R
12
I
Line input 6 R-channel
LO1L
13
O
Line output 1 L-channel
LO1R
14
O
Line output 1 R-channel
LO2L
15
O
Line output 2 L-channel
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com