Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 39Page - Texas Instruments PCM5310PAP Datasheet HTML 40Page - Texas Instruments PCM5310PAP Datasheet HTML 41Page - Texas Instruments PCM5310PAP Datasheet HTML 42Page - Texas Instruments PCM5310PAP Datasheet HTML 43Page - Texas Instruments PCM5310PAP Datasheet HTML 44Page - Texas Instruments PCM5310PAP Datasheet HTML 45Page - Texas Instruments PCM5310PAP Datasheet HTML 46Page - Texas Instruments PCM5310PAP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
REGISTER DESCRIPTIONS
Register 01 (01h)
Register 08 (08h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
01
01h
Reset function
MRST
SRST
RSV
RSV
RSV
RSV
RSV
RSV
MRST: Reset of All Registers Except for Other Internal Circuit
This bit enables the reset signal for register data only. All registers are initialized to default data by setting
MRST = '0'. After the reset sequence completes, MRST is automatically set to '1'.
Defalut value: 1
0
Reset (set to '0' automatically after set to '1')
1
Not reset (default)
SRST: Reset of All Internal Circuits Including All Registers
This bit enables the internal system reset. All circuits including the registers are initialized by setting SRST = '0'.
After completing the reset sequence, SRST is automatically set to '1'.
Defalut value: 1
0
Reset (set to '0' automatically after set to '1')
1
Not reset (default)
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
08
08h
GPIO pin output control
RSV
RSV
RSV
RSV
RSV
GPO3
GPO2
GPO1
42
2Ah
Digital attenuation level setting for DAC12 L-channel
DAT1[7:0]
GPO1: General-Purpose Output (pin 55)
GPO2: General-Purpose Output (pin 56)
GPO3: General-Purpose Output (pin 57)
These three bits control the three GPIO pins that control external devices. These register data are effective by
setting '01000', '01001', or '01010' to bits GSL1[4:0], GSL2[4:0] and GSL[4:0] of registers 9 to 11.
Default value: 0
0
Low level output (default)
1
High level output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com