Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 23Page - Texas Instruments PCM5310PAP Datasheet HTML 24Page - Texas Instruments PCM5310PAP Datasheet HTML 25Page - Texas Instruments PCM5310PAP Datasheet HTML 26Page - Texas Instruments PCM5310PAP Datasheet HTML 27Page - Texas Instruments PCM5310PAP Datasheet HTML 28Page - Texas Instruments PCM5310PAP Datasheet HTML 29Page - Texas Instruments PCM5310PAP Datasheet HTML 30Page - Texas Instruments PCM5310PAP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
AUDIO DATA FORMATS AND TIMING
(a)Right-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW
LRCK
BCK
(=32f ,48f ,or64f )
S
S
S
R-Channel
L-Channel
DATA
LRCK
BCK
(=32f ,48f ,or64f )
S
S
S
DATA
LRCK
BCK
(=32f ,48f ,or64f )
S
S
S
DATA
MSB
LSB
MSB
LSB
1/f
S
(b)I SDataFormat;L-Channel=LOW,R-Channel=HIGH
2
L-Channel
MSB
LSB
R-Channel
MSB
LSB
1/f
S
(c)Left-JustifiedDataFormat;L-Channel=HIGH,R-Channel=LOW
R-Channel
L-Channel
MSB
LSB
MSB
LSB
1/f
S
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The PCM5310 supports I2S, left-justified, and right-justified data formats with 32 fS, 48 fS, or 64 fS BCK rates for
digital input, and 48 fS or 64 fS BCK rates for the ADC. The data formats are shown in Figure 34 and can be
selected through the I2C interface. All formats require binary twos complement, MSB first audio data. The default
format is 16- to 24-bits I2S. Figure 35 and Figure 36 show detailed timing diagrams. The descriptions for the
audio interface data format registers are shown in Table 11.
Table 11. Audio Interface Data Format Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Audio interface format for DAC12
44
DFM12[1:0]
Audio interface format for DAC34
54
DFM34[1:0]
Audio interface format for ADC12
84
AFM12[1:0]
Audio interface format for ADC34
94
AFM34[1:0]
Figure 34. Audio Data Input and Output Formats
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com