Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 88 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 84Page - Texas Instruments PCM5310PAP Datasheet HTML 85Page - Texas Instruments PCM5310PAP Datasheet HTML 86Page - Texas Instruments PCM5310PAP Datasheet HTML 87Page - Texas Instruments PCM5310PAP Datasheet HTML 88Page - Texas Instruments PCM5310PAP Datasheet HTML 89Page - Texas Instruments PCM5310PAP Datasheet HTML 90Page - Texas Instruments PCM5310PAP Datasheet HTML 91Page - Texas Instruments PCM5310PAP Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
Register 112 (70h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
112
70h
SCK selection of DAC12 and DAC34
RSV
D34SC[3:0]
RSV
D12SC[3:0]
D34SC[2:0] SCK Selection of DAC34 (MUX_DA34)
These bits are used for routing SCK from each audio interface port to DAC34. Refer to Figure 33 for more
details.
Default value: 100
000
Select SCK from PORT-1
001
Select SCK from PORT-2
010
Select SCK from PORT-3
011
Select SCK from PORT-4
100
Select SCK from PORT-5 (default)
101
Select SCK from PORT-6
Others
Reserved
D12SC[2:0] SCK Selection of DAC12 (MUX_DA12)
These bits are used for routing SCK from each audio interface port to DAC12. Refer to Figure 33 for more
details.
Default value: 011
000
Select SCK from PORT-1
001
Select SCK from PORT-2
010
Select SCK from PORT-3
011
Select SCK from PORT-4 (default)
100
Select SCK from PORT-5
101
Select SCK from PORT-6
Others
Reserved
88
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com