Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAP
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 8Page - Texas Instruments PCM5310PAP Datasheet HTML 9Page - Texas Instruments PCM5310PAP Datasheet HTML 10Page - Texas Instruments PCM5310PAP Datasheet HTML 11Page - Texas Instruments PCM5310PAP Datasheet HTML 12Page - Texas Instruments PCM5310PAP Datasheet HTML 13Page - Texas Instruments PCM5310PAP Datasheet HTML 14Page - Texas Instruments PCM5310PAP Datasheet HTML 15Page - Texas Instruments PCM5310PAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
TYPICAL CHARACTERISTICS: Analog Performance (DAC)
0.001
0.01
0.1
3.0
3.3
3.6
V
(V)
CC
THD+N_48(%)
THD+N_96(%)
THD+N_192(%)
85
90
95
100
105
110
3.0
3.3
3.6
SNR_48(dB)
SNR_96(dB)
SNR_192(dB)
DR_48(dB)
DR_96(dB)
DR_192(dB)
V
(V)
CC
0.001
0.01
0.1
-25
0
25
50
75
100
Temperature( C)
°
THD+N_48(%)
THD+N_96(%)
THD+N_192(%)
85
90
95
100
105
110
-25
0
25
50
75
100
Temperature( C)
°
SNR_48(dB)
SNR_96(dB)
SNR_192(dB)
DR_48(dB)
DR_96(dB)
DR_192(dB)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
All specifications at TA = +25°C, VDD = VCCAD = VCCDA = VCCP = 3.3 V, VCCH = 9 V, fS = 48 kHz, system clock = 256 fS, and
24-bit data, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
SIGNAL-TO-NOISE RATIO AND DATA RATE
vs VCC SUPPLY VOLTAGE
vs VCC SUPPLY VOLTAGE
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
SIGNAL-TO-NOISE RATIO AND DATA RATE
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com