Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 42 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 42 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 38Page - CML Microcircuits FX980 Datasheet HTML 39Page - CML Microcircuits FX980 Datasheet HTML 40Page - CML Microcircuits FX980 Datasheet HTML 41Page - CML Microcircuits FX980 Datasheet HTML 42Page - CML Microcircuits FX980 Datasheet HTML 43Page - CML Microcircuits FX980 Datasheet HTML 44Page - CML Microcircuits FX980 Datasheet HTML 45Page - CML Microcircuits FX980 Datasheet HTML 46Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
42
D/980/3
TxErrStatMask
Title:
Transmit Error Status interrupt Mask register
Address:
$0x0F
Function:
RW
Description:
Masks interrupts in the TxErrorStatus register. On taking N_RESET Low, these bits are set
active, so masking out all possible interrupt sources. Each bit which is taken inactive will allow
its associated status bit, when active, to generate an interrupt.
Bit
Name
Active State
Function
7
Data
RW
Reserved for manufacturer’s test purposes. This bit
should be set Low.
6
n_TxDataPathQOF_Mask
Low
RW
GPO Q channel error interrupt mask bit.
5
n_TxDataPathIOF_Mask
Low
RW
GPO I channel error interrupt mask bit.
4
n_Tx15tapQOF_Mask
Low
RW
15-tap Q filter error interrupt mask bit.
3
n_Tx15tapIOF_Mask
Low
RW
15-tap I filter error interrupt mask bit.
2
n_Tx49tapOF_Mask
Low
RW
49-tap I and Q filter error interrupt mask bit.
1
n_Tx79tapOF_Mask
Low
RW
79-tap I and Q filter error interrupt mask bit.
0
Data
Reserved for manufacturer’s test purposes. This bit
should be set Low.
• Address and Data format for TxErrStatMask access
D1
R
R
D6 D5 D4 D3 D2
Data field [7:0]
Address field [6:0]
1
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com