Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 5 Page - CML Microcircuits

  FX980 Datasheet HTML 1Page - CML Microcircuits FX980 Datasheet HTML 2Page - CML Microcircuits FX980 Datasheet HTML 3Page - CML Microcircuits FX980 Datasheet HTML 4Page - CML Microcircuits FX980 Datasheet HTML 5Page - CML Microcircuits FX980 Datasheet HTML 6Page - CML Microcircuits FX980 Datasheet HTML 7Page - CML Microcircuits FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
5
D/980/3
1.3
Signal List (continued)
L6 Package
44 PLCC
Package
#
Signal
Description
Pin No.
Pin No.
Name
Type
10
AUXDAC1
O/P
Auxiliary DAC channel 1
9
AUXDAC2
O/P
Auxiliary DAC channel 2
8
AUXDAC3
O/P
Auxiliary DAC channel 3
7
AUXDAC4
O/P
Auxiliary DAC channel 4
36
BIAS1
BI
Analogue bias level. This pin should be de-
coupled to VSSB.
35
BIAS2
BI
Analogue bias level. This pin should be de-
coupled to VSSB.
32
VCC1
Power
I Channel analogue positive supply rail. This
pin should be de-coupled to VSS1.
33
VCC2
Power
Q Channel analogue positive supply rail. This
pin should be de-coupled to VSS2.
34
VCC3
Power
Analogue Bias positive supply rail. Levels and
voltages are dependent upon this supply. This
pin should be de-coupled to VSSB.
6
VDD1
Power
Auxiliary analogue positive supply rail. This
pin should be de-coupled to VSSA.
3,21
VDD
Power
Digital positive supply rail. This pin should be
de-coupled to VSS.
27,40
VSS1
Ground
I Channel analogue negative supply rail.
28,39
VSS2
Ground
Q Channel analogue negative supply rail.
31
VSSB
Ground
Analogue Bias negative supply rail.
5
VSSA
Ground
Auxiliary analogue negative supply rail.
4,13,22
VSS
Ground
Primary digital negative supply rail.
Notes: I/P
=
Input
O/P
=
Output
BI
=
Bi-directional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com